Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

251516B Datasheet (PDF) - Integrated Technology Future

251516B Datasheet PDF - Integrated Technology Future
Part # 251516B
Download  251516B Download
File Size   156.39 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 160.0 MHz SAW Filter

251516B Datasheet (PDF)

Go To PDF Page Download Datasheet
251516B Datasheet PDF - Integrated Technology Future

Part # 251516B
Download  251516B Click to download

File Size   156.39 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 160.0 MHz SAW Filter

251516B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 251516B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
251515B ITF-251515B Datasheet
156Kb / 2P
Typical 1dB bandwidth of 15.0 MHz
More results


Similar Description - 251516B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
251924B ITF-251924B Datasheet
167Kb / 2P
160.0 MHz SAW Filter
256352B ITF-256352B Datasheet
180Kb / 2P
160.0 MHz SAW Filter
logo
Oscilent Corporation
813-IF160.0M-04A OSCILENT-813-IF160.0M-04A Datasheet
216Kb / 6P
160.0 MHz IF SAW Filter 4.54 MHz Bandwidth
813-IF160.0M-16B OSCILENT-813-IF160.0M-16B Datasheet
224Kb / 6P
160.0 MHz IF SAW Filter 16.28 MHz Bandwidth
821-IF160.0M-16A OSCILENT-821-IF160.0M-16A Datasheet
214Kb / 6P
160.0 MHz IF SAW Filter 16.25 MHz Bandwidth
821-IF160.0M-26A OSCILENT-821-IF160.0M-26A Datasheet
215Kb / 6P
160.0 MHz IF SAW Filter 26.25 MHz Bandwidth
logo
Transko Electronics, In...
TA160FD TRANSKO-TA160FD Datasheet
407Kb / 3P
160.0 MHz IF SAW Filter / 1.26 MHz Bandwidth
Revision 1: 29. Oct. 2007
TA16015AD1 TRANSKO-TA16015AD1 Datasheet
568Kb / 4P
160.0 MHz IF SAW Filter / 16.02 MHz Bandwidth
Revision 0: 17. DEC. 2009
TA16016AD1 TRANSKO-TA16016AD1 Datasheet
565Kb / 4P
160.0 MHz IF SAW Filter / 16.25 MHz Bandwidth
Revision 0: 7. May 2009
TA16026AD1 TRANSKO-TA16026AD1 Datasheet
566Kb / 4P
160.0 MHz IF SAW Filter / 26.25 MHz Bandwidth
Revision 0: 07. May 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com