Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9601 Datasheet (PDF) - Analog Devices

AD9601 Datasheet PDF - Analog Devices
Part # AD9601
Download  AD9601 Download
File Size   1135.67 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter

AD9601 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD9601 Datasheet PDF - Analog Devices

Part # AD9601
Download  AD9601 Click to download

File Size   1135.67 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter

AD9601 Datasheet (HTML) - Analog Devices


AD9601 Product details

GENERAL DESCRIPTION
The AD9601 is a 10-bit monolithic sampling analog-to-digital converter optimized for high performance, low power, and ease of use. The product operates at up to a 250 MSPS conversion rate and is optimized for outstanding dynamic performance in wideband carrier and broadband systems. All necessary functions, including a track-and-hold (T/H) and voltage reference, are included on the chip to provide a complete signal conversion solution.

FEATURES
   SNR = 59.4 dBFS @ fIN up to 70 MHz @ 250 MSPS
   ENOB of 9.7 @ fIN up to 70 MHz @ 250 MSPS (−1.0 dBFS)
   SFDR = 81 dBc @ fIN up to 70 MHz @ 250 MSPS (−1.0 dBFS)
   Excellent linearity
      DNL = 0.2 LSB typical
      INL = 0.2 LSB typical
   CMOS outputs
      Single data port at up to 250 MHz
      Demultiplexed dual port at up to 2 × 125 MHz
   700 MHz full power analog bandwidth
   On-chip reference, no external decoupling required
   Integrated input buffer and track-and-hold
   Low power dissipation
      274 mW @ 200 MSPS
      322 mW @ 250 MSPS
   Programmable input voltage range
      1.0 V to 1.5 V, 1.25 V nominal
   1.8 V analog and digital supply operation
   Selectable output data format (offset binary, twos
      complement, Gray code)
   Clock duty cycle stabilizer
   Integrated data capture clock

APPLICATIONS
   Wireless and wired broadband communications
   Cable reverse path
   Communications test equipment
   Radar and satellite subsystems
   Power amplifier linearization




Similar Part No. - AD9601

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9601 AD-AD9601 Datasheet
972Kb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9601-250EBZ AD-AD9601-250EBZ Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601-250EBZ AD-AD9601-250EBZ Datasheet
972Kb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
AD9601BCPZ-200 AD-AD9601BCPZ-200 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9601BCPZ-200 AD-AD9601BCPZ-200 Datasheet
972Kb / 33P
1.8 V Analog-to-Digital Converter
Rev. 0
More results


Similar Description - AD9601

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9211 AD-AD9211_07 Datasheet
1Mb / 28P
10-Bit, 200 MSPS/250 MSPS/300 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
11/07-Revision 0
AD9230-11 AD-AD9230-11 Datasheet
755Kb / 28P
11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9642 AD-AD9642 Datasheet
1Mb / 28P
14-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter (ADC)
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9601BCPZ-250 AD-AD9601BCPZ-250 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9601 AD-AD9601_15 Datasheet
1Mb / 32P
10-Bit, 200 MSPS/250 MSPS 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626_15 Datasheet
1Mb / 36P
12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com