Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC015D Datasheet (PDF) - General Semiconductor

LC015D Datasheet PDF - General Semiconductor
Part # LC015D
Download  LC015D Download
File Size   923.25 Kbytes
Page   24 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W

LC015D Datasheet (PDF)

Go To PDF Page Download Datasheet
LC015D Datasheet PDF - General Semiconductor

Part # LC015D
Download  LC015D Click to download

File Size   923.25 Kbytes
Page   24 Pages
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor
Description LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W

LC015D Datasheet (HTML) - General Semiconductor


LC015D Product details

Description
The L Single- and Dual-Output-Series Power Modules are low-profile, dc-dc converters that operate over an input voltage range of 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc and provide one or two precisely regulated outputs. The outputs are isolated from the input, allowing versatile polarity configurations and grounding connections. The modules have a maximum power rating of 10 W to 15 W and efficiencies of up to 84% for a 5 V output and 82% for a 3.3 V output. Built-in filtering for both input and output minimizes the need for external filtering.

Features
• Low profile: 10.2 mm x 25.4 mm x 50.8 mm (0.4 in. x 1.0 in. x 2.0 in.) with standoffs (9.6 mm (0.38 in.) with standoffs recessed)
• Wide input voltage range: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc
• Output current limiting, unlimited duration
• Output overvoltage clamp
• Undervoltage lockout
• Input-to-output isolation: 1500 V
• Operating case temperature range: –40 °C to +105 °C
• UL* 1950 Recognized, CSA† 22.2 No. 950-95 Certified, IEC950, and VDE0805 Licensed
• CE mark meets 73/23/EEC and 93/68/EEC directives‡
• Within FCC and VDE Class A radiated limits

Applications
• Telecommunications
• Distributed power architectures
• Private branch exchange (PBX)
• Voice and data multiplexing




Similar Part No. - LC015D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LC015D MACOM-LC015D Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015D LINEAGEPOWER-LC015D Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC015D LINEAGEPOWER-LC015D Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results


Similar Description - LC015D

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
36 Vdc to 75 Vdc Inputs, 5 W
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
36 Vdc to 75 Vdc Inputs, 10 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
36 Vdc to 75 Vdc Inputs, 100 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
36 Vdc to 75 Vdc Inputs, 150 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
logo
Lineage Power Corporati...
LW010F1 LINEAGEPOWER-LW010F1 Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results




About General Semiconductor


General Semiconductor was an American semiconductor company that specialized in the design and manufacture of discrete semiconductor components such as diodes, rectifiers, transistors, and thyristors. The company was founded in 1952 and was headquartered in Melville, New York.

General Semiconductor's products were used in a wide range of applications, including consumer electronics, automotive, industrial, and telecommunications industries. The company's product portfolio included a variety of discrete semiconductor components, such as small signal diodes, power diodes, bridge rectifiers, and transient voltage suppressors (TVS).

In 2001, Vishay Intertechnology, a leading manufacturer of discrete semiconductors and passive electronic components, acquired General Semiconductor in a stock-for-stock transaction valued at approximately $1.6 billion. Following the acquisition, General Semiconductor became a subsidiary of Vishay Intertechnology, and its products and technologies were integrated into Vishay's broad portfolio of electronic components.

Today, Vishay Intertechnology continues to provide a wide range of discrete semiconductor components, leveraging the technologies and expertise gained through the acquisition of General Semiconductor. The company's products are used in various industries, including automotive, computing, telecommunications, and industrial automation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com