Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

260911B Datasheet (PDF) - Integrated Technology Future

260911B Datasheet PDF - Integrated Technology Future
Part # 260911B
Download  260911B Download
File Size   160.4 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 200.0 MHz SAW Filter

260911B Datasheet (PDF)

Go To PDF Page Download Datasheet
260911B Datasheet PDF - Integrated Technology Future

Part # 260911B
Download  260911B Click to download

File Size   160.4 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 200.0 MHz SAW Filter

260911B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 260911B

ManufacturerPart #DatasheetDescription
logo
Wiha Tools
26091 WIHA-26091 Datasheet
413Kb / 1P
SCREWDRIVERS AND NUT DRIVERS
logo
Integrated Technology F...
260910B ITF-260910B Datasheet
165Kb / 2P
221.5 MHz SAW Filter
260912B ITF-260912B Datasheet
162Kb / 2P
295.0 MHz SAW Filter
260914B ITF-260914B Datasheet
161Kb / 2P
200.0 MHz SAW Filter
Rev 1.0 2013. 04.01
260915B ITF-260915B Datasheet
170Kb / 2P
230.0 MHz SAW Filter
Rev 1.0 2013. 04.30
More results


Similar Description - 260911B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
811-SL200.0M-05 OSCILENT-811-SL200.0M-05 Datasheet
268Kb / 2P
200.0 MHz Bandpass SAW Filter Low Loss
logo
Integrated Technology F...
260914B ITF-260914B Datasheet
161Kb / 2P
200.0 MHz SAW Filter
Rev 1.0 2013. 04.01
261201B ITF-261201B Datasheet
168Kb / 2P
200.0 MHz SAW Filter
Rev 1.0 2013. 04. 01
261405B ITF-261405B Datasheet
164Kb / 2P
200.0 MHz SAW Filter
Rev 1.0 2013. 04. 01
261558B ITF-261558B Datasheet
193Kb / 2P
200.0 MHz SAW Filter
Rev 1.0 2013. 04. 01
261804B ITF-261804B Datasheet
162Kb / 2P
200.0 MHz SAW Filter
Rev 1.0 2013. 04. 01
261951B ITF-261951B Datasheet
179Kb / 2P
200.0 MHz SAW Filter
Rev 1.0 2013. 03. 25
262101B ITF-262101B Datasheet
179Kb / 2P
200.0 MHz SAW Filter
Rev 1.0 2013. 03. 25
267901B ITF-267901B Datasheet
161Kb / 2P
200.0 MHz SAW Filter
Rev 1.0 2010. 07. 30
logo
Transko Electronics, In...
TF-020001-D40 TRANSKO-TF-020001-D40 Datasheet
618Kb / 4P
200.0 MHz IF SAW Filter / 9.25 MHz Bandwidth
Revision 0: 19 Oct. 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com