Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

560MMT Datasheet (PDF) - Cooper Bussmann, Inc.

560MMT Datasheet PDF - Cooper Bussmann, Inc.
Part # 560MMT
Download  560MMT Download
File Size   54.86 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description British Style BS 88 690V 6-700A

560MMT Datasheet (PDF)

Go To PDF Page Download Datasheet
560MMT Datasheet PDF - Cooper Bussmann, Inc.

Part # 560MMT
Download  560MMT Click to download

File Size   54.86 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description British Style BS 88 690V 6-700A

560MMT Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - 560MMT

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
560MMT COOPER-560MMT Datasheet
54Kb / 2P
British Style BS 88
logo
List of Unclassifed Man...
560MMT ETC-560MMT Datasheet
53Kb / 2P
British Style BS 88
7-18-01
More results


Similar Description - 560MMT

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
14012 POWERDYNAMICS-14012 Datasheet
52Kb / 1P
BRITISH FUSED CORD SET 250cm LONG BS 1363 TO IEC 60320 C13, 13A FUSE
logo
Cooper Bussmann, Inc.
170M6712 COOPER-170M6712 Datasheet
75Kb / 2P
Square Body US Style ??690V/700V (IEC): 40-2000A
250FM COOPER-250FM Datasheet
797Kb / 9P
British BS 88 Fuses
logo
Altech corporation
AL88-6 ALTECH-AL88-6 Datasheet
94Kb / 1P
ALUMINUM ENCLOSURE AL 88-6
TG88-6 ALTECH-TG88-6 Datasheet
86Kb / 1P
ABS/POLYCARBONATE ENCLOSURE TG 88-6
logo
Cooper Bussmann, Inc.
6-700A COOPER-6-700A Datasheet
54Kb / 2P
British Style BS 88
logo
List of Unclassifed Man...
10FC ETC1-10FC Datasheet
201Kb / 7P
BRITISH STYLE?밪EMICONDUCTOR PROTECTION FUSES
logo
VACUUMSCHMELZE GmbH & C...
T60404-N4648-X054 VACUUMSCHMELZE-T60404-N4648-X054 Datasheet
271Kb / 4P
700A Current Sensor
logo
List of Unclassifed Man...
6CT ETC-6CT Datasheet
53Kb / 2P
British Style BS 88
7-18-01
logo
Schneider Electric
ATS480D88Y SCHNEIDER-ATS480D88Y Datasheet
403Kb / 9P
Altivar Soft Starter ATS480, 88 A, 208...690V AC, control supply 110...230V AC
Apr 25, 2022
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com