Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

261559B Datasheet (PDF) - Integrated Technology Future

261559B Datasheet PDF - Integrated Technology Future
Part # 261559B
Download  261559B Download
File Size   167.66 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 295.0 MHz SAW Filter

261559B Datasheet (PDF)

Go To PDF Page Download Datasheet
261559B Datasheet PDF - Integrated Technology Future

Part # 261559B
Download  261559B Click to download

File Size   167.66 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 295.0 MHz SAW Filter

261559B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 261559B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
261558B ITF-261558B Datasheet
193Kb / 2P
200.0 MHz SAW Filter
Rev 1.0 2013. 04. 01
More results


Similar Description - 261559B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
logo
Integrated Technology F...
260912B ITF-260912B Datasheet
162Kb / 2P
295.0 MHz SAW Filter
261406B ITF-261406B Datasheet
157Kb / 2P
295.0 MHz SAW Filter
Rev 1.0 2013. 04. 01
261805B ITF-261805B Datasheet
161Kb / 2P
295.0 MHz SAW Filter
Rev 1.0 2013. 04.01
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Transko Electronics, In...
TF-029501-D40 TRANSKO-TF-029501-D40 Datasheet
602Kb / 4P
295.0 MHz IF SAW Filter / 9.35 MHz Bandwidth
Revision 0: 19 Oct. 2012
TF-029502-D40 TRANSKO-TF-029502-D40 Datasheet
602Kb / 4P
295.0 MHz IF SAW Filter / 14.00 MHz Bandwidth
Revision 0: 23 Oct. 2012
TF-029503-D40 TRANSKO-TF-029503-D40 Datasheet
615Kb / 4P
295.0 MHz IF SAW Filter / 18.65 MHz Bandwidth
Revision 0: 19 Oct. 2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com