Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

261853B Datasheet (PDF) - Integrated Technology Future

261853B Datasheet PDF - Integrated Technology Future
Part # 261853B
Download  261853B Download
File Size   159.87 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 240.0 MHz SAW Filter

261853B Datasheet (PDF)

Go To PDF Page Download Datasheet
261853B Datasheet PDF - Integrated Technology Future

Part # 261853B
Download  261853B Click to download

File Size   159.87 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 240.0 MHz SAW Filter

261853B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 261853B

ManufacturerPart #DatasheetDescription
logo
Weidmuller
2618520000 WEIDMULLER-2618520000 Datasheet
543Kb / 6P
TRP 48VUC 2CO
logo
Integrated Technology F...
261852B ITF-261852B Datasheet
165Kb / 2P
245.0 MHz SAW Filter
Rev 1.0 2013. 03. 27
261854B ITF-261854B Datasheet
168Kb / 2P
210.0 MHz SAW Filter
Rev 1.0 2013. 03. 27
More results


Similar Description - 261853B

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
Integrated Technology F...
266451B ITF-266451B Datasheet
181Kb / 2P
240.0 MHz SAW Filter
Rev 1.0 2013. 04. 01
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Oscilent Corporation
813-SL240.0M-16A OSCILENT-813-SL240.0M-16A Datasheet
223Kb / 6P
240.0 MHz IF SAW Filter 16.91MHz Bandwidth
logo
Transko Electronics, In...
TL24016AV TRANSKO-TL24016AV Datasheet
533Kb / 4P
240.0 MHz IF SAW Filter / 16.91 MHz Bandwidth
Revision 0: 29 Oct. 2009
TL24028AV TRANSKO-TL24028AV Datasheet
552Kb / 4P
240.0 MHz IF SAW Filter / 28.0 MHz Bandwidth
Revision 1: 20 Feb. 2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com