Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSC945G Datasheet (PDF) - Fairchild Semiconductor

KSC945G Datasheet PDF - Fairchild Semiconductor
Part # KSC945G
Download  KSC945G Download
File Size   42.53 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Audio Frequency Amplifier & High Frequency OSC.

KSC945G Datasheet (PDF)

Go To PDF Page Download Datasheet
KSC945G Datasheet PDF - Fairchild Semiconductor

Part # KSC945G
Download  KSC945G Click to download

File Size   42.53 Kbytes
Page   4 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Audio Frequency Amplifier & High Frequency OSC.

KSC945G Datasheet (HTML) - Fairchild Semiconductor


KSC945G Product details

Features
• Audio Frequency Amplifier and High-Frequency OSC.
• Complimentary to KSA733
• Collector-Base Voltage: VCBO = 60 V
• High Current Gain Bandwidth Product: fT = 300 MHz (Tyical)
• Suffix “-C” means Center Collector (1. Emitter 2. Collector 3. Base)




Similar Part No. - KSC945G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSC945GTA FAIRCHILD-KSC945GTA Datasheet
48Kb / 4P
Audio Frequency Amplifier & High Frequency OSC.
More results


Similar Description - KSC945G

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX945 FAIRCHILD-FJX945 Datasheet
48Kb / 4P
Audio Frequency Amplifier High Frequency OSC.
FJZ945 FAIRCHILD-FJZ945 Datasheet
217Kb / 5P
Audio Frequency Amplifier & High Frequency OSC.
KSC3114 FAIRCHILD-KSC3114 Datasheet
25Kb / 3P
Audio Frequency Amplifier High Frequency OSC.
KSC945CGTA FAIRCHILD-KSC945CGTA Datasheet
48Kb / 4P
Audio Frequency Amplifier & High Frequency OSC.
KSC945YTA FAIRCHILD-KSC945YTA Datasheet
48Kb / 4P
Audio Frequency Amplifier & High Frequency OSC.
KSC945CYTA FAIRCHILD-KSC945CYTA Datasheet
48Kb / 4P
Audio Frequency Amplifier & High Frequency OSC.
KSC2785YTA FAIRCHILD-KSC2785YTA Datasheet
43Kb / 4P
Audio Frequency Amplifier & High Frequency OSC.
KSC945CLTA FAIRCHILD-KSC945CLTA Datasheet
48Kb / 4P
Audio Frequency Amplifier High Frequency OSC
KSC945YBU FAIRCHILD-KSC945YBU Datasheet
48Kb / 4P
Audio Frequency Amplifier High Frequency OSC.
logo
ON Semiconductor
FJX945 ONSEMI-FJX945 Datasheet
161Kb / 6P
Audio Frequency Amplifier High Frequency OSC.
Rev. B2, April 2004
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com