Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RJQ6003DPM Datasheet (PDF) - Renesas Technology Corp

RJQ6003DPM Datasheet PDF - Renesas Technology Corp
Part # RJQ6003DPM
Download  RJQ6003DPM Download
File Size   110.0 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 20A - IGBT and Diode High Speed Power Switching

RJQ6003DPM Datasheet (PDF)

Go To PDF Page Download Datasheet
RJQ6003DPM Datasheet PDF - Renesas Technology Corp

Part # RJQ6003DPM
Download  RJQ6003DPM Click to download

File Size   110.0 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 600V - 20A - IGBT and Diode High Speed Power Switching

RJQ6003DPM Datasheet (HTML) - Renesas Technology Corp


RJQ6003DPM Product details

Features
• Low collector to emitter saturation voltage
   VCE(sat) = 1.37 V typ. (IC = 40 A, VGE = 15 V, Ta = 25°C)
• Built in fast recovery diode in one package
• Trench gate and thin wafer technology
• High speed switching
   tr = 85 ns typ. (at IC = 30 A, VCE = 400 V, VGE = 15 V, Rg = 5 Ω, Ta = 25°C, inductive load)




Similar Part No. - RJQ6003DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJQ6003DPM RENESAS-RJQ6003DPM_15 Datasheet
110Kb / 9P
600V - 20A - IGBT and Diode High Speed Power Switching
More results


Similar Description - RJQ6003DPM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJQ6020DPM RENESAS-RJQ6020DPM Datasheet
83Kb / 4P
600V - 20A - MOS FET High Speed Power Switching
RJK60S5DPN RENESAS-RJK60S5DPN Datasheet
110Kb / 8P
600V - 20A - MOS FET High Speed Power Switching
RJP60F7DPK RENESAS-RJP60F7DPK Datasheet
105Kb / 7P
600V - 50A - IGBT High Speed Power Switching
RJQ6008DPM RENESAS-RJQ6008DPM Datasheet
115Kb / 9P
600V - 10A - IGBT and Diode High Speed Power Switching
RJP6003DPM RENESAS-RJP6003DPM Datasheet
110Kb / 9P
600V - 20A - IGBT and Diode High Speed Power Switching
RJH60F7BDPQ-A0 RENESAS-RJH60F7BDPQ-A0_15 Datasheet
218Kb / 9P
600V - 50A - IGBT High Speed Power Switching
RJP60F5DPM RENESAS-RJP60F5DPM_15 Datasheet
84Kb / 7P
600V - 40A - IGBT High Speed Power Switching
RJH60F5BDPQ-A0 RENESAS-RJH60F5BDPQ-A0_15 Datasheet
101Kb / 9P
600V - 40A - IGBT High Speed Power Switching
RJQ6003DPM RENESAS-RJQ6003DPM_15 Datasheet
110Kb / 9P
600V - 20A - IGBT and Diode High Speed Power Switching
RJQ6008DPM RENESAS-RJQ6008DPM_15 Datasheet
115Kb / 9P
600V - 10A - IGBT and Diode High Speed Power Switching
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com