Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2-DC3V-F Datasheet (PDF) - Panasonic Semiconductor

ST2-DC3V-F Datasheet PDF - Panasonic Semiconductor
Part # ST2-DC3V-F
Download  ST2-DC3V-F Download
File Size   71.0 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a1b/2a 8A polarized power relays

ST2-DC3V-F Datasheet (PDF)

Go To PDF Page Download Datasheet
ST2-DC3V-F Datasheet PDF - Panasonic Semiconductor

Part # ST2-DC3V-F
Download  ST2-DC3V-F Click to download

File Size   71.0 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a1b/2a 8A polarized power relays

ST2-DC3V-F Datasheet (HTML) - Panasonic Semiconductor


ST2-DC3V-F Product details

FEATURES
1. Even with small form factor, sensitive enough for direct IC driving
   The dimensions of this high-density 4-
   gap balanced armature are 31 mm ×
   14 mm × 11 mm 1.220 inch × .551 inch
   × .433 inch. Despite this small size,
   high sensitivity is achieved by a
   mechanism that incorporates high
   efficiency polarized magnetic circuits
   along with our exclusive spring
   alignment method. With an minimum
   operating power of about 150 mW,
   nominal operating power of 240 mW,
   this relay can be directly driven by
   transistor or chip controllers.
2. High switching capability
   High contact pressure, low contact
   bounce, and forced separation
   structure that radically improves
   resistance to contact welding
   (1 Form A 1 Form B type equivalent to
   TV-3). Strong against lamp inductive
   loads, maximum switching capacity
   has reached 3,040 VA (8A 380V AC).
3. High breakdown voltage – Optimal for control in 250 V power circuits
   High breakdown voltage has been
   achieved. Between contacts and coil of
   3,750 Vrms; Surge breakdown voltage
   between coil and contact of 6,000 V,
   and between open contacts of 1,200Vrms mean that these relays are
   suitable even for 250 V power circuit
   control.
4. Improved stability Conforms to all types of safety standards
   Insulating distance of more than 3 mm
   .118 inch secured. Complies with
   Japan Electrical Appliance and
   Material Safety Law requirements for
   operating 200 V power supply circuits,
   and conforms with UL, CSA and VDE
   standards.
5. Latching types available
   In addition to single side stable types,
   convenient 2 coil latching types with
   memory functions are also available.
   Moreover, we offer 2 Form A
   specifications which, with double pole
   switching for applications such as 250
   V power circuit switching, can enable
   safer designs.
6. Automatic cleaning possible
   The sealed design means that these
   relays can undergo immersion in
   automatic washing systems and are
   suitable for automatic soldering. Even
   in difficult environments, the contacts
   remain reliable.
7. Easy to design PC board patterns
   Features 4/10 dual-in-line terminals.
   Because the lead spacing has a pitch
   greater than 7.54 mm .297 inch,
   designers can make easy adjustments
   with the width of the land size. This,
   along with the large insulation
   distance, simplifies the drawing of PC
   board patterns.
8. To improve soldering efficiency, preapplication
   of solder to the terminals is recommended
9. Sockets for PC board and soldering are available




Similar Part No. - ST2-DC3V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ST2-DC3V NAIS-ST2-DC3V Datasheet
92Kb / 3P
IC DRIVABLE PC BOARD RELAY FOR FIELD LOAD SWITCHING
More results


Similar Description - ST2-DC3V-F

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
JSL-21161 FUJITSU-JSL-21161 Datasheet
203Kb / 8P
POWER RELAY 1 POLE - 8A Polarized Latching Type
logo
Panasonic Semiconductor
DSP1A-L-DC5V PANASONIC-DSP1A-L-DC5V Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
DSP1A-DC3V PANASONIC-DSP1A-DC3V_12 Datasheet
107Kb / 6P
1a 8A, 1a1b/2a 5A small polarized power relays
DK1A-3V-F PANASONIC-DK1A-3V-F Datasheet
89Kb / 5P
1a 10A, 1a1b/2a 8A small polarized power relays Switching power supply
ST1-L2-DC3-F PANASONIC-ST1-L2-DC3-F Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
DE1A-L2-24V PANASONIC-DE1A-L2-24V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A-L-5V PANASONIC-DE1A-L-5V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
logo
Panasonic Battery Group
ST PANASONICBATTERY-ST Datasheet
71Kb / 4P
1a1b/2a 8A polarized power relays
logo
Panasonic Semiconductor
DE1A1B-L2-12V PANASONIC-DE1A1B-L2-12V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
DE1A1B-12V PANASONIC-DE1A1B-12V Datasheet
76Kb / 4P
Compliant with European standards 1a1b 10A/8A polarized power relays
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com