Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD688BQ Datasheet (PDF) - Analog Devices

AD688BQ Datasheet PDF - Analog Devices
Part # AD688BQ
Download  AD688BQ Download
File Size   490.35 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Precision 10 V Reference

AD688BQ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD688BQ Datasheet PDF - Analog Devices

Part # AD688BQ
Download  AD688BQ Click to download

File Size   490.35 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description High Precision 10 V Reference

AD688BQ Datasheet (HTML) - Analog Devices


AD688BQ Product details

GENERAL DESCRIPTION
The AD688 is a high precision ±10 V tracking reference. Low tracking error, low initial error, and low temperature drift give the AD688 reference absolute ±10 V accuracy performance previously unavailable in monolithic form. The AD688 uses a proprietary ion-implanted buried Zener diode, and laser wafer drift trimming of high stability thin-film resistors to provide outstanding performance.

FEATURES
   ±10 V tracking outputs
   Kelvin connections
   Low tracking error: 1.5 mV
   Low initial error: 2.0 mV
   Low drift: 1.5 ppm/°C
   Low noise: 6 μV p-p
   Flexible output force and sense terminals
   High impedance ground sense
   Wide body SOIC and CERDIP packages




Similar Part No. - AD688BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD688BQ AD-AD688BQ Datasheet
406Kb / 8P
High Precision -10 V Reference
More results


Similar Description - AD688BQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD587 AD-AD587 Datasheet
177Kb / 12P
High Precision 10 V Reference
7/04-Data Sheet Changed from REV. E to REV. F.
AD688 AD-AD688 Datasheet
406Kb / 8P
High Precision -10 V Reference
REF01 AD-REF01 Datasheet
384Kb / 12P
10 V Precision Voltage Reference
10/02-Data Sheet changed from REV. B to REV. C.
AD581 AD-AD581 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD581SH AD-AD581SH Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
High Precision 10 V IC Reference
REV. C
AD587 AD-AD587_15 Datasheet
361Kb / 12P
High Precision 10 V Reference
Rev. H
AD688 AD-AD688_15 Datasheet
490Kb / 16P
High Precision 10 V Reference
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com