Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD977AAN Datasheet (PDF) - Analog Devices

AD977AAN Datasheet PDF - Analog Devices
Part # AD977AAN
Download  AD977AAN Download
File Size   284.75 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter

AD977AAN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD977AAN Datasheet PDF - Analog Devices

Part # AD977AAN
Download  AD977AAN Click to download

File Size   284.75 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter

AD977AAN Datasheet (HTML) - Analog Devices


AD977AAN Product details

GENERAL DESCRIPTION

The AD977/AD977A is a high speed, low power 16-bit A/D converter that operates from a single 5 V supply. The AD977A has a throughput rate of 200 kSPS whereas the AD977 has a throughput rate of 100 kSPS. Each part contains a successive approximation, switched capacitor ADC, an internal 2.5 V reference, and a high speed serial interface. The ADC is factory calibrated to minimize all linearity errors. The AD977/AD977A is specified for full scale bipolar input ranges of ±10 V, ±5 V and ±3.3 V, and unipolar ranges of 0 V to 10 V, 0 V to 5 V and 0 V to 4 V.

The AD977/AD977A is comprehensively tested for ac parameters such as SNR and THD, as well as the more traditional dc parameters of offset, gain and linearity.



PRODUCT HIGHLIGHTS

1. Fast Throughput

   The AD977/AD977A is a high speed, 16-bit ADC based on

a factory calibrated switched capacitor architecture.

2. Single-Supply Operation

   The AD977/AD977A operates from a single 5 V supply and dissipates only 100 mW max.

3. Comprehensive DC and AC Specifications

   In addition to the traditional specifications of offset, gain and linearity, the AD977/AD977A is fully tested for SNR and THD.

  

FEATURES

  Fast 16-Bit ADC

     100 kSPS Throughput Rate—AD977

     200 kSPS Throughput Rate—AD977A

  Single 5 V Supply Operation

  Power Dissipation 100 mW Max

  Power-Down Mode 50 μW

  Input Ranges:

     Unipolar; 0 V–10 V, 0 V–5 V and 0 V–4 V

     Bipolar; ±10 V, ±5 V and ±3.3 V

  Choice of External or Internal 2.5 V Reference

  High Speed Serial Interface

  On-Chip Clock

  20-Lead Skinny DIP or SOIC Package

  28-Lead Skinny SSOP Package



 




Similar Part No. - AD977AAN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD977AAN AD-AD977AAN Datasheet
266Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV.D
AD977AAN AD-AD977AAN Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV.D
AD977AAN AD-AD977AAN Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977AAN AD-AD977AAN Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977AAN AD-AD977AAN Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
More results


Similar Description - AD977AAN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD977 AD-AD977 Datasheet
266Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV.D
AD977 AD-AD977 Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV.D
AD977CRZ AD-AD977CRZ Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD976ABRZ AD-AD976ABRZ Datasheet
183Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD977ARZ AD-AD977ARZ Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977ANZ AD-AD977ANZ Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD976AANZ AD-AD976AANZ Datasheet
164Kb / 16P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converters
REV. C
AD977ABRZ AD-AD977ABRZ Datasheet
269Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977 AD-AD977_15 Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977A AD-AD977A_15 Datasheet
284Kb / 24P
16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com