Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

262952B Datasheet (PDF) - Integrated Technology Future

262952B Datasheet PDF - Integrated Technology Future
Part # 262952B
Download  262952B Download
File Size   193.96 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 255.0 MHz SAW Filter

262952B Datasheet (PDF)

Go To PDF Page Download Datasheet
262952B Datasheet PDF - Integrated Technology Future

Part # 262952B
Download  262952B Click to download

File Size   193.96 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 255.0 MHz SAW Filter

262952B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 262952B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
262953B ITF-262953B Datasheet
174Kb / 2P
260.0 MHz SAW Filter
Rev 1.0 2013. 03. 27
262956B ITF-262956B Datasheet
180Kb / 2P
280.1 MHz SAW Filter
Rev 1.0 2013. 03. 27
More results


Similar Description - 262952B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
262907B ITF-262907B Datasheet
174Kb / 2P
255.0 MHz SAW Filter
Rev 1.0 2013. 03. 27
262908B ITF-262908B Datasheet
172Kb / 2P
255.0 MHz SAW Filter
Rev 1.0 2013. 03. 27
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Oscilent Corporation
813-IF255.0M-29C OSCILENT-813-IF255.0M-29C Datasheet
174Kb / 6P
255.0 MHz IF SAW Filter 29.18 MHz Bandwidth
813-IF255.0M-29D OSCILENT-813-IF255.0M-29D Datasheet
172Kb / 6P
255.0 MHz IF SAW Filter 29.59 MHz Bandwidth
821-IF255.0M-29A OSCILENT-821-IF255.0M-29A Datasheet
212Kb / 6P
255.0 MHz IF SAW Filter 29.66 MHz Bandwidth
821-IF255.0M-29B OSCILENT-821-IF255.0M-29B Datasheet
207Kb / 6P
255.0 MHz IF SAW Filter 29.66 MHz Bandwidth
logo
Transko Electronics, In...
TA25529BD1 TRANSKO-TA25529BD1 Datasheet
598Kb / 4P
255.0 MHz IF SAW Filter / 29.66 MHz Bandwidth
Revision 0: 17. Nov. 2009
TF-025503-D40 TRANSKO-TF-025503-D40 Datasheet
606Kb / 4P
255.0 MHz IF SAW Filter / 29.58 MHz Bandwidth
Revision 0: November 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com