Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

263002B Datasheet (PDF) - Integrated Technology Future

263002B Datasheet PDF - Integrated Technology Future
Part # 263002B
Download  263002B Download
File Size   180.02 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 260.0 MHz SAW Filter

263002B Datasheet (PDF)

Go To PDF Page Download Datasheet
263002B Datasheet PDF - Integrated Technology Future

Part # 263002B
Download  263002B Click to download

File Size   180.02 Kbytes
Page   2 Pages
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future
Description 260.0 MHz SAW Filter

263002B Datasheet (HTML) - Integrated Technology Future




Similar Part No. - 263002B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
263002 LITTELFUSE-263002 Datasheet
63Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
263002M LITTELFUSE-263002M Datasheet
63Kb / 1P
Axial Lead and Cartridge Fuses - Subminiature
More results


Similar Description - 263002B

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
262901B ITF-262901B Datasheet
164Kb / 2P
260.0 MHz SAW Filter
Rev 1.0 2011. 01. 24
262953B ITF-262953B Datasheet
174Kb / 2P
260.0 MHz SAW Filter
Rev 1.0 2013. 03. 27
logo
Oscilent Corporation
813-IF260.0M-19A OSCILENT-813-IF260.0M-19A Datasheet
222Kb / 6P
260.0 MHz IF SAW Filter 19.38 MHz Bandwidth
820-IF260.0M-29A OSCILENT-820-IF260.0M-29A Datasheet
227Kb / 6P
260.0 MHz IF SAW Filter 29.61 MHz Bandwidth
820-IF260.0M-29B OSCILENT-820-IF260.0M-29B Datasheet
227Kb / 6P
260.0 MHz IF SAW Filter 29.53 MHz Bandwidth
820-IF260.0M-30A OSCILENT-820-IF260.0M-30A Datasheet
229Kb / 6P
260.0 MHz IF SAW Filter 30.21 MHz Bandwidth
820-IF260.0M-30B OSCILENT-820-IF260.0M-30B Datasheet
195Kb / 6P
260.0 MHz IF SAW Filter 30.25 MHz Bandwidth
821-IF260.0M-20A OSCILENT-821-IF260.0M-20A Datasheet
211Kb / 6P
260.0 MHz IF SAW Filter 20.23 MHz Bandwidth
logo
Transko Electronics, In...
TA26019CD1 TRANSKO-TA26019CD1 Datasheet
567Kb / 4P
260.0 MHz IF SAW Filter / 19.25 MHz Bandwidth
Revision 0: 15. May 2009
TA26030AD TRANSKO-TA26030AD Datasheet
667Kb / 4P
260.0 MHz IF SAW Filter / 30.21 MHz Bandwidth
Revision 0: 10. Nov. 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com