Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

84500 Datasheet (PDF) - FCI connector

84500 Datasheet PDF - FCI connector
Part # 84500
Download  84500 Download
File Size   211.33 Kbytes
Page   5 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description 0 mm PLUG ASSEMBLY 10 X 30 = 300 POSITIONS

84500 Datasheet (PDF)

Go To PDF Page Download Datasheet
84500 Datasheet PDF - FCI connector

Part # 84500
Download  84500 Click to download

File Size   211.33 Kbytes
Page   5 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description 0 mm PLUG ASSEMBLY 10 X 30 = 300 POSITIONS

84500 Datasheet (HTML) - FCI connector


84500 Product details


Coming Soon.

If you have some information on related parts, please share useful information by adding links below.




Similar Part No. - 84500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
84500081000 ETC2-84500081000 Datasheet
100Kb / 3P
22 AWG solid tinned copper conductors, polypropylene insulation
84500101000 ETC2-84500101000 Datasheet
100Kb / 3P
22 AWG solid tinned copper conductors, polypropylene insulation
8450010U1000 ETC2-8450010U1000 Datasheet
100Kb / 3P
22 AWG solid tinned copper conductors, polypropylene insulation
8450010U500 ETC2-8450010U500 Datasheet
100Kb / 3P
22 AWG solid tinned copper conductors, polypropylene insulation
More results


Similar Description - 84500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2002M PHILIPS-PCK2002M Datasheet
92Kb / 12P
0-300 MHz I2C 1:10 clock buffer
2001 Jul 19
logo
FCI connector
84516 FCI-CONNECTOR-84516 Datasheet
1Mb / 5P
0mm PLUG ASSEMBLY 10X20=200 POSITIONS
logo
List of Unclassifed Man...
AL924A ETC2-AL924A Datasheet
493Kb / 2P
0 - 30 Volts 0 - 10 Amp챔res
logo
Bel Fuse Inc.
937-SP-361010-031-A108 BEL-937-SP-361010-031-A108 Datasheet
162Kb / 1P
10 x 10 SHIELDED PLUG
937-SP-361010-A10 BEL-937-SP-361010-A10 Datasheet
160Kb / 1P
10 X 10 SHIELDED PLUG
937-SP-361010-A161 BEL-937-SP-361010-A161 Datasheet
160Kb / 1P
10 X 10 SHIELDED PLUG
937-SP-361010-A217 BEL-937-SP-361010-A217 Datasheet
159Kb / 1P
10 X 10 SHIELDED PLUG
940-SP-361010-A108 BEL-940-SP-361010-A108 Datasheet
178Kb / 1P
10 X 10 SHIELDED PLUG
940-SP-361010-A151 BEL-940-SP-361010-A151 Datasheet
96Kb / 1P
10 X 10 SHIELDED PLUG
logo
Schneider Electric
ZB2BY2931 SCHNEIDER-ZB2BY2931 Datasheet
72Kb / 2P
legend - 30 x 40 mm - red - 0
Mar 23, 2022
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com