Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8574AR Datasheet (PDF) - Analog Devices

AD8574AR Datasheet PDF - Analog Devices
Part # AD8574AR
Download  AD8574AR Download
File Size   416.95 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers

AD8574AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8574AR Datasheet PDF - Analog Devices

Part # AD8574AR
Download  AD8574AR Click to download

File Size   416.95 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers

AD8574AR Datasheet (HTML) - Analog Devices


AD8574AR Product details

GENERAL DESCRIPTION
This family of amplifiers has ultralow offset, drift, and bias current. The AD8571, AD8572, and AD8574 are single, dual, and quad amplifiers, respectively, featuring rail-to-rail input and output swings. All are guaranteed to operate from 2.7 V to 5 V single supply.
The AD857x family provides benefits previously found only in expensive auto-zeroing or chopper-stabilized amplifiers. Using Analog Devices, Inc., topology, these zero-drift amplifiers combine low cost with high accuracy. (No external capacitors are required.) Using a patented spread-spectrum, auto-zero technique, the AD857x family eliminates the intermodulation effects from interaction of the chopping function with the signal frequency in ac applications.

FEATURES
   Low offset voltage: 1 μV
   Input offset drift: 0.005 μV/°C
   Rail-to-rail input and output swing
   5 V/2.7 V single-supply operation
   High gain: 145 dB typical
   CMRR: 140 dB typical
   PSRR: 130 dB typical
   Ultralow input bias current: 10 pA typical
   Low supply current: 750 μA per op amp
   Overload recovery time: 50 μs
   No external capacitors required
  
APPLICATIONS
   Temperature sensors
   Pressure sensors
   Precision current sensing
   Strain gage amplifiers
   Medical instrumentation
   Thermocouple amplifiers




Similar Part No. - AD8574AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8574AR AD-AD8574AR Datasheet
247Kb / 19P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8574AR AD-AD8574AR Datasheet
544Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
09/06-Rev. A to Rev. B
AD8574AR AD-AD8574AR Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8574AR-REEL AD-AD8574AR-REEL Datasheet
544Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
09/06-Rev. A to Rev. B
AD8574AR-REEL AD-AD8574AR-REEL Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results


Similar Description - AD8574AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8551 AD-AD8551 Datasheet
262Kb / 20P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8571 AD-AD8571 Datasheet
247Kb / 19P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV.0
AD8551 AD-AD8551_07 Datasheet
571Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
3/07-Rev. B to Rev. C
AD8571 AD-AD8571_06 Datasheet
544Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
09/06-Rev. A to Rev. B
AD8571 AD-AD8571_07 Datasheet
519Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
AD8551 AD-AD8551_12 Datasheet
440Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8571 AD-AD8571_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8572 AD-AD8572_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
AD8574 AD-AD8574_15 Datasheet
416Kb / 24P
Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers
Rev. E
logo
Shenzhen Huazhimei Semi...
HM8581 HMSEMI-HM8581 Datasheet
981Kb / 6P
Zero-Drift, Single-Supply, Rail-to-Rail Input/ Output Operational Amplifiers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com