Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM483AR Datasheet (PDF) - Analog Devices

ADM483AR Datasheet PDF - Analog Devices
Part # ADM483AR
Download  ADM483AR Download
File Size   310.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V Low Power, Slew-Rate Limited

ADM483AR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM483AR Datasheet PDF - Analog Devices

Part # ADM483AR
Download  ADM483AR Click to download

File Size   310.39 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 5V Low Power, Slew-Rate Limited

ADM483AR Datasheet (HTML) - Analog Devices


ADM483AR Product details

GENERAL DESCRIPTION
The ADM483 is a low power differential line transceiver suitable for half-duplex data communication on multipoint bus transmission lines. It is designed for balanced data transmission, and complies with EIA Standards RS-485 and RS-422.The part contains a differential line driver and a differential line receiver. Both share the same differential pins, with either the driver or the receiver being enabled at any given time.
The device has an input impedance of 12 kΩ, allowing up to 32 transceivers on one bus. Since only one driver should be enabled at any time, the output of a disabled or powered-down driver is three-stated to avoid overloading the bus. This high impedance driver output is maintained over the entire common-mode voltage range from –7 V to +12 V.
The receiver contains a fail-safe feature that results in a logic high output state if the inputs are unconnected (floating). The driver outputs are slew-rate limited to reduce EMI and data errors caused by reflections from improperly terminated buses. Excessive power dissipation caused by bus contention or by output shorting is prevented by a thermal shutdown circuit.
The part is fully specified over the industrial temperature range, and is available in an 8-lead SOIC package.

FEATURES
  EIA RS-485/RS-422-compliant
  Data rates up to 250 kbps
  Slew-rate limited for low EMI
  100 nA supply current in shutdown mode
  Low power consumption (120 µA)
  Up to 32 transceivers on one bus
  Outputs high-z when disabled or powered off
  –7 V to +12 V bus common-mode range
  Thermal shutdown and short-circuit protection
  Pin-compatible with MAX483
  Specified over –40°C to +85°C temperature range
  Available in 8-lead SOIC package
 
APPLICATIONS
  Low power RS-485 applications
  EMI sensitive systems
  DTE-DCE interfaces
  Industrial control
  Packet switching
  Local area networks
  Level translators




Similar Part No. - ADM483AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483AR AD-ADM483AR Datasheet
218Kb / 16P
5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
10/04-Revision 0
ADM483AR AD-ADM483AR Datasheet
309Kb / 16P
5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
10/04-Revision 0
ADM483AR-REEL AD-ADM483AR-REEL Datasheet
218Kb / 16P
5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
10/04-Revision 0
ADM483AR-REEL AD-ADM483AR-REEL Datasheet
309Kb / 16P
5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
10/04-Revision 0
ADM483AR-REEL7 AD-ADM483AR-REEL7 Datasheet
218Kb / 16P
5 V Low Power, Slew-Rate Limited RS-485/RS-422 Transceiver
10/04-Revision 0
More results


Similar Description - ADM483AR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8483 INTERSIL-ISL8483 Datasheet
507Kb / 16P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
December 2003
ISL8483 INTERSIL-ISL8483_06 Datasheet
574Kb / 16P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
February 28, 2006
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
MAX489 TGS-MAX489 Datasheet
450Kb / 18P
LOW-POWER SLEW-RATE-LIMITED RS-485/422 TRANSCEIVERS
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
logo
Renesas Technology Corp
ISL8483 RENESAS-ISL8483 Datasheet
913Kb / 18P
5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Fitipower Integrated Te...
FP6863 FITIPOWER-FP6863 Datasheet
456Kb / 10P
Slew Rate Limited Load Switch
logo
ARTSCHIP ELECTRONICS CO...
MAX481 ARTSCHIP-MAX481 Datasheet
6Mb / 16P
Low-Power, Slew-Rate-Limited Transceivers
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com