Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT-2B Datasheet (PDF) - Riedon Powertron

MT-2B Datasheet PDF - Riedon Powertron
Part # MT-2B
Download  MT-2B Download
File Size   177.49 Kbytes
Page   2 Pages
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron
Description Low Ohm Power Resistors

MT-2B Datasheet (PDF)

Go To PDF Page Download Datasheet
MT-2B Datasheet PDF - Riedon Powertron

Part # MT-2B
Download  MT-2B Click to download

File Size   177.49 Kbytes
Page   2 Pages
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron
Description Low Ohm Power Resistors

MT-2B Datasheet (HTML) - Riedon Powertron


MT-2B Product details

• Resistances from 0.003 to 0.10Ohms

• Tolerance to ±0.1%

• TCR’s to ± 20 ppm/°C ( Four Terminal Version )

• For Current Sensing and Shunt Applications

• All Welded Construction

• Low Inductance ( <10nH )

• Four Terminal Versions Available (Consult Factory)



 




Similar Part No. - MT-2B

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MT-2B RIEDON-MT-2B Datasheet
316Kb / 2P
Low Ohm Power Resistors
More results


Similar Description - MT-2B

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
MT-5 RIEDON-MT-5 Datasheet
316Kb / 2P
Low Ohm Power Resistors
MT2A-0R05F1 RIEDON-MT2A-0R05F1 Datasheet
180Kb / 2P
Low Ohm Power Resistors
MT3-0R01F1 RIEDON-MT3-0R01F1 Datasheet
180Kb / 2P
Low Ohm Power Resistors
MT1A-0R01F1 RIEDON-MT1A-0R01F1 Datasheet
180Kb / 2P
Low Ohm Power Resistors
MT2B-0R1F1 RIEDON-MT2B-0R1F1 Datasheet
180Kb / 2P
Low Ohm Power Resistors
logo
WALSIN TECHNOLOGY CORPO...
WW12R_V WALSIN-WW12R_V Datasheet
583Kb / 9P
Metal low ohm power chip resistors
WW20N WALSIN-WW20N Datasheet
208Kb / 7P
Ultra low ohm power chip resistors
WW25A WALSIN-WW25A Datasheet
156Kb / 7P
Ultra low ohm power chip resistors
WW25B WALSIN-WW25B Datasheet
157Kb / 7P
Ultra low ohm power chip resistors
WW25N WALSIN-WW25N Datasheet
329Kb / 7P
Ultra low ohm power chip resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com