Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10114826 Datasheet (PDF) - FCI connector

10114826 Datasheet PDF - FCI connector
Part # 10114826
Download  10114826 Download
File Size   72.01 Kbytes
Page   1 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description SPECIFICATIONS CURRENT RATING 1A AC DC

10114826 Datasheet (PDF)

Go To PDF Page Download Datasheet
10114826 Datasheet PDF - FCI connector

Part # 10114826
Download  10114826 Click to download

File Size   72.01 Kbytes
Page   1 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description SPECIFICATIONS CURRENT RATING 1A AC DC

10114826 Datasheet (HTML) - FCI connector




Similar Part No. - 10114826

ManufacturerPart #DatasheetDescription
logo
FCI connector
10114826-00002LF FCI-CONNECTOR-10114826-00002LF Datasheet
2Mb / 2P
1.25mm Wire-To-Board System
10114826-X0X02LF FCI-CONNECTOR-10114826-X0X02LF Datasheet
72Kb / 1P
WTB 1.25MM HOUSING
10114826-X0X03LF FCI-CONNECTOR-10114826-X0X03LF Datasheet
72Kb / 1P
WTB 1.25MM HOUSING
10114826-X0X04LF FCI-CONNECTOR-10114826-X0X04LF Datasheet
72Kb / 1P
WTB 1.25MM HOUSING
10114826-X0X05LF FCI-CONNECTOR-10114826-X0X05LF Datasheet
72Kb / 1P
WTB 1.25MM HOUSING
More results


Similar Description - 10114826

ManufacturerPart #DatasheetDescription
logo
LEM
AHR-B420 LEM-AHR-B420 Datasheet
361Kb / 3P
AC/DC Current transducer
logo
AIMTEC
AMEPR5-AZ AIMTEC-AMEPR5-AZ Datasheet
374Kb / 3P
up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ Datasheet
514Kb / 5P
up to 1A | AC-DC / DC-DC LED driver
AMEPR15D-AZ AIMTEC-AMEPR15D-AZ_13 Datasheet
510Kb / 5P
up to 1A | AC-DC / DC-DC LED driver
logo
List of Unclassifed Man...
TCP0020 ETC2-TCP0020 Datasheet
336Kb / 4P
AC/DC Current Probes
logo
LEM
DHR500C10 LEM-DHR500C10_12 Datasheet
641Kb / 4P
AC/DC Current Transducer
DHR500C420 LEM-DHR500C420_12 Datasheet
688Kb / 4P
AC/DC Current Transducer
logo
AIMTEC
AMEPR5-AZ AIMTEC-AMEPR5-AZ_16 Datasheet
202Kb / 3P
up to 1A | AC-DC / DC-DC LED driver
logo
ETAL Group
ESX50D ETAL-ESX50D Datasheet
266Kb / 4P
Current rating (1A - 10A, in whole numbers)
logo
AIMTEC
AMEPR5-1630AZ AIMTEC-AMEPR5-1630AZ Datasheet
202Kb / 3P
up to 1A | AC-DC / DC-DC LED driver
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com