Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ038089 Datasheet (PDF) - Japan Aviation Electronics Industry, Ltd.

SJ038089 Datasheet PDF - Japan Aviation Electronics Industry, Ltd.
Part # SJ038089
Download  SJ038089 Download
File Size   173.08 Kbytes
Page   1 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description COPLANARITY 0.1mm MAX STACKIG HEIGHT HEIGHT OF KX15 OF KX14

SJ038089 Datasheet (PDF)

Go To PDF Page Download Datasheet
SJ038089 Datasheet PDF - Japan Aviation Electronics Industry, Ltd.

Part # SJ038089
Download  SJ038089 Click to download

File Size   173.08 Kbytes
Page   1 Pages
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.
Description COPLANARITY 0.1mm MAX STACKIG HEIGHT HEIGHT OF KX15 OF KX14

SJ038089 Datasheet (HTML) - Japan Aviation Electronics Industry, Ltd.




Similar Part No. - SJ038089

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SJ038252 JAE-SJ038252 Datasheet
211Kb / 1P
STACK NG HEIGHT HEIGHT CODE OF TX24 HEIGHT CODE OF TX25
SJ038256 JAE-SJ038256 Datasheet
134Kb / 1P
DIRECTION OF CUTTING EDOE OF CONTACTS TERMINL IS OPTIONAL
SJ038451 JAE-SJ038451 Datasheet
201Kb / 1P
OUTER DIAMETER OF THE APPLICABLE CABLE : 4짹0.2
More results


Similar Description - SJ038089

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
FI-RE21S-HF JAE-FI-RE21S-HF Datasheet
144Kb / 1P
COPLANARITY BETWEEN TERMINAL
FI-RE41S-HF-J JAE-FI-RE41S-HF-J Datasheet
145Kb / 1P
SHIELD TYPE, COPLANARITY BETWEEN TERMINAL AND HOLD DOWN OF SHELL SHOULD BE 0.08mm MAX
SJ038252 JAE-SJ038252 Datasheet
211Kb / 1P
STACK NG HEIGHT HEIGHT CODE OF TX24 HEIGHT CODE OF TX25
logo
STMicroelectronics
AN869 STMICROELECTRONICS-AN869 Datasheet
67Kb / 4P
Tj MAX LIMIT OF SCHOTTKY DIODES
10-May-2004
logo
Murata Manufacturing Co...
1255AY-220M MURATA-1255AY-220M Datasheet
726Kb / 2P
Max. of DC resistance
A914BYW-220M MURATA-A914BYW-220M Datasheet
725Kb / 2P
Max. of DC resistance
A915AY-3R3M MURATA-A915AY-3R3M Datasheet
725Kb / 2P
Max. of DC resistance
A915AY-4R7M MURATA-A915AY-4R7M Datasheet
725Kb / 2P
Max. of DC resistance
logo
First Silicon Co., Ltd
LB6S FS-LB6S Datasheet
158Kb / 2P
Low Profile: Typical height of 1.4mm
logo
PHOENIX CONTACT
2901107 PHOENIX-2901107 Datasheet
52Kb / 2P
Components of electronic housing - ME MAX 22,5 PLATEKMGY
11/05/2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com