Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SH4CTG Datasheet (PDF) - Freescale Semiconductor, Inc

MC9S08SH4CTG Datasheet PDF - Freescale Semiconductor, Inc
Part # MC9S08SH4CTG
Download  MC9S08SH4CTG Download
File Size   1592.41 Kbytes
Page   341 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description This is the MC9S08SH8 datasheet set consisting of the following files

MC9S08SH4CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MC9S08SH4CTG Datasheet PDF - Freescale Semiconductor, Inc

Part # MC9S08SH4CTG
Download  MC9S08SH4CTG Click to download

File Size   1592.41 Kbytes
Page   341 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description This is the MC9S08SH8 datasheet set consisting of the following files

MC9S08SH4CTG Datasheet (HTML) - Freescale Semiconductor, Inc


MC9S08SH4CTG Product details

Device Overview
The MC9S08SH8 members of the low-cost, high-performance HCS08 Family of 8-bit microcontroller units (MCUs). All MCUs in the family use the enhanced HCS08 core and are available with a variety of modules, memory sizes, memory types, and package types.

MC9S08SH8 Features
8-Bit HCS08 Central Processor Unit (CPU)
• 40-MHz HCS08 CPU (central processor unit)
• HC08 instruction set with added BGND instruction
• Support for up to 32 interrupt/reset sources

On-Chip Memory
• FLASH read/program/erase over full operating voltage and temperature
• Random-access memory (RAM)

Power-Saving Modes
• Two very low power stop modes
• Reduced power wait mode
• Very low power real time interrupt for use in run, wait, and stop

Clock Source Options
• Oscillator (XOSC) — Loop-control Pierce oscillator; Crystal or ceramic resonator range of 31.25 kHz to 38.4 kHz or 1 MHz to 16 MHz
• Internal Clock Source (ICS) — Internal clock source module containing a frequency-locked loop (FLL) controlled by internal or external reference; precision trimming of internal reference allows 0.2% resolution and 2% deviation over temperature and voltage; supports bus frequencies from 2 MHz to 20 MHz.

System Protection
• Watchdog computer operating properly (COP) reset with opti/n to run from dedicated 1-kHz internal clock source or bus clock
• Low-voltage detection with reset or interrupt; selectable trip points
• Illegal opcode detection with reset
• Illegal address detection with reset
• FLASH block protect

Development Support
• Single-wire background debug interface
• Breakpoint capability to allow single breakpoint setting during in-circuit debugging (pluss two more breakpoints in on-chip debug module)
• On-chip, in-circuit emulation (ICE) debug module containing two comparators and nine trigger modes. Eight deep FIFO for storing change-of-flow address and event-only data. Debug module supports both tag and force breakpoints.
(Continue ...)




Similar Part No. - MC9S08SH4CTG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH4CTGR FREESCALE-MC9S08SH4CTGR Datasheet
1Mb / 341P
MC9S08SH8 Datasheet
More results


Similar Description - MC9S08SH4CTG

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SH8CTJ FREESCALE-MC9S08SH8CTJ Datasheet
1Mb / 341P
MC9S08SH8 Datasheet
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
This document contains the following chapters
logo
Freescale Semiconductor...
MC9S08SH8CSC FREESCALE-MC9S08SH8CSC Datasheet
1Mb / 341P
MC9S08SH8 Datasheet
logo
List of Unclassifed Man...
TMD26721 ETC2-TMD26721 Datasheet
1Mb / 29P
The technical content of this TAOS datasheet is still valid
TMD27711 ETC2-TMD27711 Datasheet
1Mb / 33P
The technical content of this TAOS datasheet is still valid
TCS3103FN ETC2-TCS3103FN Datasheet
755Kb / 13P
The technical content of this TAOS datasheet is still valid.
logo
Integrated Device Techn...
TSI350 IDT-TSI350 Datasheet
848Kb / 163P
This chapter discusses the following
logo
NXP Semiconductors
MCF51JG256DS NXP-MCF51JG256DS Datasheet
1,022Kb / 46P
This is the MCF51JG256 Data Sheet set consisting of the following files
Rev.1.1, 07/2013
MCF51QW256DS NXP-MCF51QW256DS Datasheet
922Kb / 42P
This is the MCF51QW256 Data Sheet set consisting of the following files
1.1, 07/2013
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com