Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08SE4CTG Datasheet (PDF) - Freescale Semiconductor, Inc

MC9S08SE4CTG Datasheet PDF - Freescale Semiconductor, Inc
Part # MC9S08SE4CTG
Download  MC9S08SE4CTG Download
File Size   200.23 Kbytes
Page   2 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MC9S08SE8/4 Do more with less

MC9S08SE4CTG Datasheet (PDF)

Go To PDF Page Download Datasheet
MC9S08SE4CTG Datasheet PDF - Freescale Semiconductor, Inc

Part # MC9S08SE4CTG
Download  MC9S08SE4CTG Click to download

File Size   200.23 Kbytes
Page   2 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description MC9S08SE8/4 Do more with less

MC9S08SE4CTG Datasheet (HTML) - Freescale Semiconductor, Inc


MC9S08SE4CTG Product details

Features:

• 8-Bit HCS08 Central Processor Unit (CPU)

– 20 MHz HCS08 CPU (central processor unit)

– 10 MHz internal bus frequency

– HC08 instruction set with added BGND

– Support for up to 32 interrupt/reset sources

•On-Chip Memory

– Up to 8 KB of on-chip in-circuit programmable flash memory with block protection and security options

– Up to 512 bytes of on-chip RAM

• Power-Saving Modes

– Wait plus two stops

• Clock Source Options

– Oscillator (XOSC) — Loop-control Pierce oscillator; crystal or ceramic resonator range of 31.25 kHz to 38.4 kHz or 1 MHz to 16 MHz

– Internal Clock Source (ICS) — Internal clock source module containing a frequency-locked-loop (FLL) controlled by internal or external reference; precision trimming of internal reference allows 0.2% resolution and 2% deviation over temperature and voltage; supports bus frequencies from 1 MHz to 10 MHz.

• System Protection

– Optional computer operating properly (COP) reset with option to run from independent 1 kHz internal clock source or the bus clock

– Low voltage detection

– Illegal opcode detection with reset

– Illegal address detection with reset

• Development Support

– Single-wire background debug interface

– Breakpoint capability to allow single breakpoint setting during in-circuit debugging

• Peripherals 

– SCI— Full duplex non-return to zero (NRZ); LIN master extended break generation; LIN slave extended break detection; wakeup on active edge

– ADC — 10-channel, 10-bit resolution; 2.5 μs conversion time; automatic compare function; 1.7 mV/°C temperature sensor; internal bandgap reference channel; runs in stop3

– TPMx— One 2-channel (TPM1) and one 1-channel (TPM2) 16-bit timer/pulse-width modulator (TPM) modules; selectable input capture, output compare, and edge-aligned PWM capabilityon each channel; timer module may be configured for buffered, centered PWM (CPWM) on all channels

– KBI— 8-pin keyboard interrupt module

– RTC— Real-time counter with binary- or decimal-based prescaler

• Input/Output

– Software selectable pullups on ports when used as inputs

– Software selectable slew ratecontrol on ports when used as outputs

– Software selectable drive strength on ports when used as outputs

– Master reset pin and power-on reset (POR)

– Internal pullup on RESET, IRQ, and BKGD/MS pins to reduce customer system cost

• Package Options

– 28-pin PDIP

– 28-pin SOIC

– 16-pin TSSOP




Similar Part No. - MC9S08SE4CTG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08SE4 NXP-MC9S08SE4 Datasheet
773Kb / 35P
8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
More results


Similar Description - MC9S08SE4CTG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
010188 ETC2-010188 Datasheet
554Kb / 2P
A solid moulded core with soft outer grip, less force, yet achieves 40% more torque
logo
STMicroelectronics
AN4371 STMICROELECTRONICS-AN4371 Datasheet
368Kb / 29P
In automotive more and more often comes in foreground
02-Oct-2013
AN4658 STMICROELECTRONICS-AN4658 Datasheet
402Kb / 24P
For more and more applications using STM32 products
18-Mar-2015
logo
Jiangsu High diode Semi...
HER101 HDSEMI-HER101 Datasheet
1Mb / 4P
DO - 4 1 Plastic-Encapsulate Diodes
HER101G HDSEMI-HER101G Datasheet
1Mb / 4P
DO - 4 1 Plastic-Encapsulate Diodes
1N47-SERIES HDSEMI-1N47-SERIES Datasheet
1Mb / 5P
DO-4 1 Glass-Encapsulate Diodes
logo
Naina Semiconductor ltd...
1N2970 NAINA-1N2970_17 Datasheet
147Kb / 2P
Hermetically sealed DO-4 outline
logo
Lumileds Lighting Compa...
DS146 LUMILEDS-DS146 Datasheet
1Mb / 18P
Color LEDs that deliver the perfect amount of color you need. No More. No less.
logo
PHOENIX CONTACT
2863931 PHOENIX-2863931 Datasheet
143Kb / 5P
IB IL 24 DO 4-ME
logo
STMicroelectronics
STM32L5 STMICROELECTRONICS-STM32L5 Datasheet
774Kb / 2P
Excellence in ultra-low power with more security
Apr-2020
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com