Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC1801 Datasheet (PDF) - Motorola, Inc

MRFIC1801 Datasheet PDF - Motorola, Inc
Part # MRFIC1801
Download  MRFIC1801 Download
File Size   68.39 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT

MRFIC1801 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFIC1801 Datasheet PDF - Motorola, Inc

Part # MRFIC1801
Download  MRFIC1801 Click to download

File Size   68.39 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.8 GHz TRANSMIT/RECEIVE ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT

MRFIC1801 Datasheet (HTML) - Motorola, Inc


MRFIC1801 Product details

Designed primarily for use in DECT, Japan Personal Handy System (PHS), other wireless Personal Communication Systems (PCS) applications, and 2.4 GHz ISM band applications. The MRFIC1801 is a single pole, double throw reflective antenna switch featuring low insertion loss and high power handling capability in a low-cost SOIC-8 package. The integrated circuit requires no off-chip matching and provides for easy control circuit interface. The high power handling capability allows application in higher power wireless systems than traditional GaAs antenna switches.
Together with the rest of the MRFIC180X series, this GaAs IC family offers the complete transmit and receive functions, less LO and filters, needed for a typical 1.8 GHz cordless telephone.

• Usable Frequency Range 1.5 to 2.5 GHz
• High 1.0 dB Compression Point = 29 dBm (Typ)
• Low Transmit Insertion Loss = 0.75 dB (Typ)
• High Transmit to Receive Isolation = 22 dB (Typ)
• Single Control Pin for Easy Switching Signal Interface
• Low Current Drain = 300 µA (Typ) in TX, 45 µA (Typ) in RX
• Low Cost Surface Mount Plastic Package
• Order MRFIC1801R2 for Tape and Reel. R2 Suffix = 2,500 Units per 12 mm, 13 inch Reel.
• Device Marking = M1801




Similar Part No. - MRFIC1801

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1803 MOTOROLA-MRFIC1803 Datasheet
119Kb / 6P
1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Similar Description - MRFIC1801

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC0903 MOTOROLA-MRFIC0903 Datasheet
193Kb / 8P
ANTENNA SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226 Datasheet
179Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT/RECEIVE SWITCH, DC - 2.0 GHz
logo
RF Micro Devices
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226_06 Datasheet
264Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT RECEIVE SWITCH, DC - 2.0 GHz
logo
RF Micro Devices
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
TRANSMIT/RECEIVE SWITCH
logo
Hittite Microwave Corpo...
HMC226 HITTITE-HMC226_05 Datasheet
196Kb / 6P
GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
HMC226 HITTITE-HMC226_10 Datasheet
180Kb / 4P
GaAs MMIC 3V SOT26 TRANSMIT / RECEIVE SWITCH, DC - 2 GHz
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com