Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4188 Datasheet (PDF) - Maxim Integrated Products

MAX4188 Datasheet PDF - Maxim Integrated Products
Part # MAX4188
Download  MAX4188 Download
File Size   783.14 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Current-Feedback Amplifiers with High-Speed Disable

MAX4188 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4188 Datasheet PDF - Maxim Integrated Products

Part # MAX4188
Download  MAX4188 Click to download

File Size   783.14 Kbytes
Page   23 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Current-Feedback Amplifiers with High-Speed Disable

MAX4188 Datasheet (HTML) - Maxim Integrated Products


MAX4188 Product details

General Description
The MAX4188/MAX4189/MAX4190 are low-power, current-feedback video amplifiers featuring fast disable/enable times and low switching transients. The triple MAX4188 and the single MAX4190 are optimized for applications with closed-loop gains of +2V/V (6dB) or greater and provide a -3dB bandwidth of 200MHz and 185MHz, respectively. The triple MAX4189 is optimized for closed-loop applications with gains of +1V/V (0dB) or greater and provides a 250MHz -3dB bandwidth. These amplifiers feature 0.1dB gain flatness up to 80MHz with differential gain and phase errors of 0.03% and 0.05°. These features make the MAX4188 family ideal for video applications

Features
♦ Low Supply Current: 1.5mA per Amplifier
♦ Fast Enable/Disable Times: 120ns/35ns
♦ Very Low Switching Transient: 45mVp-p
♦ High Speed
    200MHz -3dB Small-Signal Bandwidth (MAX4188, AVCL ≥ +2)
    250MHz -3dB Small-Signal Bandwidth (MAX4189, AVCL ≥ +1)
    185MHz -3dB Small-Signal Bandwidth (MAX4190, AVCL ≥ +2)
♦ High Slew Rate 350V/µs (MAX4188, AVCL ≥ +2) 175V/µs (MAX4189, AVCL ≥ +1)
♦ Excellent Video Specifications 85MHz -0.1dB Gain Flatness (MAX4190) 30MHz -0.1dB Gain Flatness (MAX4189) Differential Gain/Phase Errors 0.03%/0.05° (MAX4188)
♦ Low-Power Disable Mode Inputs Isolated, Outputs Placed in High-Z Supply Current Reduced to 450µA per Amplifier
♦ Fast Settling Time of 22ns to 0.1%
♦ Low Distortion 70dB SFDR (fc = 5MHz, VO = 2Vp-p, MAX4188)
♦ Available in Space-Saving Packages 16-Pin QSOP (MAX4188/MAX4189) 8-Pin µMAX (MAX4190)

Applications
    High-Definition Surveillance Video
    High-Speed Switching/Multiplexing
    Portable/Battery-Powered Video/Multimedia Systems
    High-Speed Analog-to-Digital Buffers
    Medical Imaging
    High-Speed Signal Processing
    Professional Cameras
    CCD Imaging Systems
    RGB Distribution Amplifiers




Similar Part No. - MAX4188

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188 MAXIM-MAX4188 Datasheet
783Kb / 23P
Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
MAX4188EEE MAXIM-MAX4188EEE Datasheet
212Kb / 20P
Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
MAX4188EEE+ MAXIM-MAX4188EEE+ Datasheet
783Kb / 23P
Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
MAX4188ESD MAXIM-MAX4188ESD Datasheet
212Kb / 20P
Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
More results


Similar Description - MAX4188

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3001 TI-THS3001 Datasheet
633Kb / 32P
420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HA-5020 INTERSIL-HA-5020 Datasheet
571Kb / 19P
100MHz Current Feedback Video Amplifier with Disable
August 2002
HFA1145 INTERSIL-HFA1145 Datasheet
26Kb / 5P
High Speed, Low Power, Current Feedback Video Operational Amplifier with Output Disable
June 1994
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188 Datasheet
212Kb / 20P
Single/Triple, Low-Glitch, 250MHz, Current- Feedback Amplifiers with High-Speed Disable
Rev 0; 7/98
logo
Burr-Brown (TI)
THS3112 BURR-BROWN-THS3112 Datasheet
371Kb / 14P
LOW-NOISE, HIGH-SPEED CURRENT FEEDBACK AMPLIFIERS
logo
Intersil Corporation
EL2166 INTERSIL-EL2166 Datasheet
377Kb / 15P
110MHz Current Feedback Amplifier with Disable
EL2386 INTERSIL-EL2386 Datasheet
449Kb / 13P
250MHz Triple Current Feedback Amplifier with Disable
June 24, 2004
HA-5020 INTERSIL-HA-5020_06 Datasheet
564Kb / 23P
100MHz Current Feedback Video Amplifier With Disable
June 5, 2006
logo
Maxim Integrated Produc...
MAX4188 MAXIM-MAX4188_07 Datasheet
783Kb / 23P
Single/Triple, Low-Glitch, 250MHz, Current-Feedback Amplifiers with High-Speed Disable
Rev 1; 2/07
logo
Texas Instruments
THS3115CPWP TI1-THS3115CPWP Datasheet
1Mb / 35P
LOW-NOISE, HIGH-SPEED, CURRENT FEEDBACK AMPLIFIERS
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com