Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALFG2PF24 Datasheet (PDF) - Panasonic Semiconductor

ALFG2PF24 Datasheet PDF - Panasonic Semiconductor
Part # ALFG2PF24
Download  ALFG2PF24 Download
File Size   127.37 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Automation Controls Catalog

ALFG2PF24 Datasheet (PDF)

Go To PDF Page Download Datasheet
ALFG2PF24 Datasheet PDF - Panasonic Semiconductor

Part # ALFG2PF24
Download  ALFG2PF24 Click to download

File Size   127.37 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Automation Controls Catalog

ALFG2PF24 Datasheet (HTML) - Panasonic Semiconductor


ALFG2PF24 Product details

FEATURES
• High capacity
High capacity control possible at 22A/33A (High capacity type) 250V AC rating in compact size (L: 15.7 × W: 30.1 × H: 23.3 mm L: .618 × W: 1.185 × H: .917 inch)
• Contact gap: 1.5 mm .059 inch and 1.8 mm*** .071 inch
Compliant with European photovoltaic standard (IEC62109* and VDE0126**).
* Safety standard of PV power inverter
** German safety standard of PV power inverter
*** Due to addition of altitude stipulation (2,000 m
6,561.68 ft or more) to IEC62109.
EN61810-1 certified: 2.5 kV surge
breakdown voltage (between contacts)
• High insulation resistance
Creepage distance between contact and coil terminal: Min. 9.5 mm .354 inch
Clearance distance between contact and coil terminal: Min. 6.5 mm .256 inch
Surge breakdown voltage: 6 kV
• Coil holding voltage contributes to saving energy of equipment
The coil holding voltage can be reduced up to 35%V of the nominal coil voltage (Ambient temperature: 20°C 68°F). Power consumption at the lowest coil holding voltage: 170 mW equivalent
*Coil holding voltage is the coil voltage after 100 ms from the applied nominal coil voltage.
*When the ambient temperature during use is 85°C 185°F, make the coil holding voltage between 45% and 80%V of the nominal coil voltage.
• Conforms to various safety standards
UL/C-UL and VDE approved

TYPICAL APPLICATIONS
• Photovoltaic power generation systems (Power conditioner)
• Uninterruptible Power Supplies (UPS)
• Home appliances
• Office equipment




Similar Part No. - ALFG2PF24

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALFG2PF12 PANASONIC-ALFG2PF12 Datasheet
112Kb / 5P
Load for air conditioner 1a 20A power relays
More results


Similar Description - ALFG2PF24

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ADQM26012 PANASONIC-ADQM26012 Datasheet
77Kb / 3P
Automation Controls Catalog
AXC61S5170 PANASONIC-AXC61S5170 Datasheet
533Kb / 10P
Automation Controls Catalog
A35UH PANASONIC-A35UH Datasheet
404Kb / 10P
Automation Controls Catalog
AXE710127 PANASONIC-AXE710127 Datasheet
428Kb / 11P
Automation Controls Catalog
AXG106144 PANASONIC-AXG106144 Datasheet
510Kb / 13P
Automation Controls Catalog
AXK520147YG PANASONIC-AXK520147YG Datasheet
428Kb / 15P
Automation Controls Catalog
AXT140124 PANASONIC-AXT140124 Datasheet
461Kb / 11P
Automation Controls Catalog
AXT510124 PANASONIC-AXT510124 Datasheet
483Kb / 13P
Automation Controls Catalog
AYF564035 PANASONIC-AYF564035 Datasheet
563Kb / 10P
Automation Controls Catalog
logo
OSRAM GmbH
SFH2700FA OSRAM-SFH2700FA Datasheet
943Kb / 16P
Industrial Automation (Machine Controls, Light Barriers, Vision Controls)
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com