Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX458TA Datasheet (PDF) - Diodes Incorporated

FCX458TA Datasheet PDF - Diodes Incorporated
Part # FCX458TA
Download  FCX458TA Download
File Size   25.12 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR

FCX458TA Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX458TA Datasheet PDF - Diodes Incorporated

Part # FCX458TA
Download  FCX458TA Click to download

File Size   25.12 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR

FCX458TA Datasheet (HTML) - Diodes Incorporated


FCX458TA Product details

Features
• BVCEO > 400V
• IC = 225mA Continuous Collector Current
• ICM = 500mA Peak Pulse Current
• Excellent hFE Characteristics up to 100mA
• Low saturation voltage VCE(sat) < 200mV @ 20mA
• Complementary PNP Type: FCX558
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FCX458TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FCX458TA DIODES-FCX458TA Datasheet
499Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR
Rev 7
More results


Similar Description - FCX458TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN16 ZETEX-BFN16 Datasheet
17Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN18 ZETEX-BFN18 Datasheet
16Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST40 ZETEX-BST40 Datasheet
15Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX495 ZETEX-FCX495_07 Datasheet
275Kb / 6P
SOT89 NPN silicon planar high voltage transistor
FCX593 ZETEX-FCX593_06 Datasheet
415Kb / 6P
SOT89 Silicon planar high voltage transistor
logo
Diodes Incorporated
FCX495 DIODES-FCX495 Datasheet
311Kb / 6P
SOT89 NPN silicon planar high voltage transistor
MAY 2007
FCX593 DIODES-FCX593 Datasheet
255Kb / 6P
SOT89 Silicon planar high voltage transistor
November 2006
SXTA42 DIODES-SXTA42 Datasheet
31Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JANUARY 1996
BST39TA DIODES-BST39TA Datasheet
32Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JUNE 1996
SXTA42 DIODES-SXTA42_15 Datasheet
31Kb / 1P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
JANUARY 1996
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com