Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX558 Datasheet (PDF) - Diodes Incorporated

FCX558 Datasheet PDF - Diodes Incorporated
Part # FCX558
Download  FCX558 Download
File Size   297.79 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89

FCX558 Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX558 Datasheet PDF - Diodes Incorporated

Part # FCX558
Download  FCX558 Click to download

File Size   297.79 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 400V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT89

FCX558 Datasheet (HTML) - Diodes Incorporated


FCX558 Product details

Features
● BVCEO > -400V
● IC = -200mA High Continuous Current
● ICM = -500mA Peak Pulse Current
● Excellent hFE Characteristics up to -100mA
● Low Saturation Voltage VCE(sat) < -200mV @ -20mA
● Complementary NPN Type: FCX458
● Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
● Halogen and Antimony Free. “Green” Device (Note 3)
● Qualified to AEC-Q101 Standards for High Reliability




Similar Part No. - FCX558

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX558 ZETEX-FCX558 Datasheet
17Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX558 DIODES-FCX558 Datasheet
27Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 1996
FCX558 DIODES-FCX558 Datasheet
495Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 7
FCX558Q DIODES-FCX558Q Datasheet
588Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 1
FCX558QTA DIODES-FCX558QTA Datasheet
588Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR
Rev 1
More results


Similar Description - FCX558

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BFN17 ZETEX-BFN17 Datasheet
17Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BFN19 ZETEX-BFN19 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST15 ZETEX-BST15 Datasheet
16Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596_06 Datasheet
790Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX558 DIODES-FCX558 Datasheet
27Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 1996
logo
Fairchild Semiconductor
FCX596TA FAIRCHILD-FCX596TA Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
2DA1971 DIODES-2DA1971 Datasheet
281Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 2
2DA1971 DIODES-2DA1971_15 Datasheet
284Kb / 7P
400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
Rev 3
FCX558 DIODES-FCX558_15 Datasheet
563Kb / 7P
400V PNP HIGH VOLTAGE TRANSISTOR IN SOT89
Rev 6
FCX596 DIODES-FCX596_15 Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 2006
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com