Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR240 Datasheet (PDF) - Yea Shin Technology Co., Ltd

MUR240 Datasheet PDF - Yea Shin Technology Co., Ltd
Part # MUR240
Download  MUR240 Download
File Size   396.68 Kbytes
Page   3 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description Power Rectifier These state?뭥f?뭪he?뭓rt devices are designed for use in switching power supplies

MUR240 Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR240 Datasheet PDF - Yea Shin Technology Co., Ltd

Part # MUR240
Download  MUR240 Click to download

File Size   396.68 Kbytes
Page   3 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description Power Rectifier These state?뭥f?뭪he?뭓rt devices are designed for use in switching power supplies

MUR240 Datasheet (HTML) - Yea Shin Technology Co., Ltd


MUR240 Product details

Power Rectifier
These state−of−the−art devices are designed for use in switching power supplies, inverters and as free wheeling diodes.

Features
• Ultrafast Recovery Times
• 175°C Operating Junction Temperature
• Low Forward Voltage
• Low Leakage Current
• High Temperature Glass Passivated Junction
• These are Pb−Free Devices*
• High temperature soldering : 260°C / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment substance directive request




Similar Part No. - MUR240

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUR240 ONSEMI-MUR240 Datasheet
55Kb / 6P
SWITCHMODE Power Rectifier
April, 2003 - Rev. 4
MUR240 ONSEMI-MUR240 Datasheet
55Kb / 5P
SWITCHMODE TM Power Rectifier
July, 2006 ??Rev. 6
logo
Rectron Semiconductor
MUR240 RECTRON-MUR240 Datasheet
192Kb / 3P
ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 2.0 Amperes
logo
Gulf Semiconductor
MUR240 GULFSEMI-MUR240 Datasheet
74Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers VOLTAGE: 400V CURRENT:2.0A
logo
DIYI Electronic Technol...
MUR240 DYELEC-MUR240 Datasheet
1Mb / 2P
2.0 AMP Silicon Ultra Fast Rectifiers
More results


Similar Description - MUR240

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM300DY-24S POWEREX-CM300DY-24S Datasheet
1Mb / 9P
Powerex Dual IGBT Modules are designed for use in switching applications.
CM450DY-24S POWEREX-CM450DY-24S Datasheet
885Kb / 6P
Powerex Dual IGBTMOD Modules are designed for use in switching applications.
CM600DY-24S POWEREX-CM600DY-24S Datasheet
1Mb / 9P
Powerex Dual IGBT Modules are designed for use in switching applications.
CM800DY-24S POWEREX-CM800DY-24S Datasheet
490Kb / 6P
Powerex Dual IGBTMOD Modules are designed for use in switching applications.
logo
TALEMA Group. LLC
W83977EG-AW TALEMA-W83977EG-AW Datasheet
1Mb / 142P
These products are not designed for use in life support appliances
logo
Yea Shin Technology Co....
MUR120 YEASHIN-MUR120 Datasheet
57Kb / 3P
designed for use in switching power supplies
MUR220 YEASHIN-MUR220 Datasheet
199Kb / 3P
Power Rectifier designed for use in switching power supplies
MUR260 YEASHIN-MUR260 Datasheet
500Kb / 3P
Power Rectifier Designed for use in switching power supplies
logo
Bel Fuse Inc.
ABC450-1T05G BEL-ABC450-1T05G Datasheet
1Mb / 9P
These power supplies are ideal for telecom
logo
Guangdong Youtai Semico...
LESD8D5.0CAT5G UMW-LESD8D5.0CAT5G Datasheet
379Kb / 4P
These are Pb−Free Devices
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com