Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC1814 Datasheet (PDF) - Motorola, Inc

MRFIC1814 Datasheet PDF - Motorola, Inc
Part # MRFIC1814
Download  MRFIC1814 Download
File Size   79.64 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER

MRFIC1814 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFIC1814 Datasheet PDF - Motorola, Inc

Part # MRFIC1814
Download  MRFIC1814 Click to download

File Size   79.64 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER

MRFIC1814 Datasheet (HTML) - Motorola, Inc


MRFIC1814 Product details

Designed primarily for use in wireless Personal Communication Systems (PCS) applications such as Digital European Cordless Telephone (DECT), Japan’s Personal Handy System (PHS), and the emerging North American systems. The MRFIC1814 includes a low noise amplifier and downmixer in a low-cost TSSOP–16 package. The integrated circuit requires minimal off-chip matching while allowing for the maximum in flexibility and efficiency. The mixer is optimized for low–side injection and offers reasonable intercept point as well as high efficiency with 9 dB of conversion gain. Image filtering is implemented off-chip to allow maximum flexibility. CMOS compatible ENABLE pins allow standby operation where the current drain is less than 0.1 mA.
Together with the rest of the MRFIC180X series, this GaAs IC family offers the complete transmit and receive functions, less LO and filters, needed for a typical 1.8 GHz cordless telephone.

• Usable Frequency Range = 1.8 to 2.0 GHz
• 17 dB Typ Gain, 2.5 dB Typ Noise Figure LNA
• 8 dB Typ Gain, 10 dB Typ Noise Figure Mixer
• –5.5 dBm Typ Mixer Input Intercept Point
• Simple LO/IF Off-chip Matching for Maximum Flexibility
• Low Power Consumption = 39 mW (Typ)
• Single Bias Supply = 2.7 to 4.5 Volts
• Low LO Power Requirement = – 5 dBm (Typ)
• Low Cost Surface Mount Plastic Package
• Order MRFIC1814R2 for Tape and Reel. R2 Suffix = 2,500 Units per 16 mm, 13 inch Reel.
• Device Marking = M1814




Similar Part No. - MRFIC1814

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1813 MOTOROLA-MRFIC1813 Datasheet
157Kb / 8P
1.9 GHz UPMIXER AND EXCITER AMPLIFIER
MRFIC1817 MOTOROLA-MRFIC1817 Datasheet
232Kb / 8P
1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1818 MOTOROLA-MRFIC1818 Datasheet
216Kb / 8P
1700-1900 MHz MMIC DCS1800/PCS1900 INTEGRATED POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
More results


Similar Description - MRFIC1814

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
logo
List of Unclassifed Man...
WHM2040AE ETC-WHM2040AE Datasheet
269Kb / 5P
1.8 - 4.0 GHz LOW NOISE AMPLIFIER WHM2040AE
logo
Hittite Microwave Corpo...
HMC-C045 HITTITE-HMC-C045 Datasheet
293Kb / 6P
LOW NOISE AMPLIFIER MODULE, 1.8 - 4.2 GHz
logo
M/A-COM Technology Solu...
MAALSS0042 MA-COM-MAALSS0042 Datasheet
170Kb / 3P
Low Noise Amplifier 1.575 GHz
logo
Torex Semiconductor
XC2401A8167R-G TOREX-XC2401A8167R-G_12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
logo
API Technologies Corp
TM5853 APITECH-TM5853 Datasheet
635Kb / 1P
RF Amplifier Low Noise: <1.8 dB
logo
Texas Instruments
THS3201 TI1-THS3201_14 Datasheet
1Mb / 40P
1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
logo
Torex Semiconductor
XC2401A8167R-G-12 TOREX-XC2401A8167R-G-12 Datasheet
334Kb / 16P
1.6 GHz Low Noise Amplifier
logo
Texas Instruments
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com