Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SF1DS Datasheet (PDF) - Yea Shin Technology Co., Ltd

SF1DS Datasheet PDF - Yea Shin Technology Co., Ltd
Part # SF1DS
Download  SF1DS Download
File Size   224.79 Kbytes
Page   3 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SURFACE MOUNT REVERSE VOLTAGE - 50 to 6 00 Volts

SF1DS Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1DS Datasheet PDF - Yea Shin Technology Co., Ltd

Part # SF1DS
Download  SF1DS Click to download

File Size   224.79 Kbytes
Page   3 Pages
Manufacturer  YEASHIN [Yea Shin Technology Co., Ltd]
Direct Link  http://www.yeashin.com
Logo YEASHIN - Yea Shin Technology Co., Ltd
Description SURFACE MOUNT REVERSE VOLTAGE - 50 to 6 00 Volts

SF1DS Datasheet (HTML) - Yea Shin Technology Co., Ltd


SF1DS Product details

FEATURES
• Glass passivated chip
• Super fast switching for high efficiency
• For surface mounted applications
• Low forward voltage drop and high current capability
• Low reverse leakage current
• Plastic material has UL flammability classification 94V-0
• High temperature soldering : 260OC / 10 seconds at terminals
• Pb free product at available : 99% Sn above meet RoHS environment substance directive request




Similar Part No. - SF1DS

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SF1D SSE-SF1D Datasheet
17Kb / 1P
SURFACE MOUNT SUPER FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
SF1DDF DIODES-SF1DDF Datasheet
483Kb / 5P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
November 2018 Rev. 2 - 2
SF1DDF-13 DIODES-SF1DDF-13 Datasheet
483Kb / 5P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
November 2018 Rev. 2 - 2
logo
ML Accessories Limited....
SF1DIMBN KNIGHTSBRIDGE-SF1DIMBN Datasheet
134Kb / 1P
1G Dimmer Plate with Matching Metal Dimmer Cap
03/04/2024
SF1DIMMBB KNIGHTSBRIDGE-SF1DIMMBB Datasheet
140Kb / 1P
1G Dimmer Plate with Matching Metal Dimmer Cap -Matt Black
01/04/2024
More results


Similar Description - SF1DS

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
US1A PACELEADER-US1A Datasheet
129Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US1AB PACELEADER-US1AB Datasheet
135Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AA PACELEADER-US2AA Datasheet
158Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US2AB PACELEADER-US2AB Datasheet
137Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AB PACELEADER-US3AB Datasheet
156Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
US3AC PACELEADER-US3AC Datasheet
147Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
Yea Shin Technology Co....
U2A YEASHIN-U2A Datasheet
134Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
UF1A YEASHIN-UF1A Datasheet
38Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
UF1AS YEASHIN-UF1AS Datasheet
48Kb / 3P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
US2A YEASHIN-US2A Datasheet
192Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE - 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com