Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLK14_6N Datasheet (PDF) - Altera Corporation

CLK14_6N Datasheet PDF - Altera Corporation
Part # CLK14_6N
Download  CLK14_6N Download
File Size   7302.01 Kbytes
Page   274 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Cyclone III Device Handbook

CLK14_6N Datasheet (PDF)

Go To PDF Page Download Datasheet
CLK14_6N Datasheet PDF - Altera Corporation

Part # CLK14_6N
Download  CLK14_6N Click to download

File Size   7302.01 Kbytes
Page   274 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Cyclone III Device Handbook

CLK14_6N Datasheet (HTML) - Altera Corporation


CLK14_6N Product details

Cyclone III Device Family Overview
Cyclone® III device family offers a unique combination of high functionality, low power and low cost. Based on Taiwan Semiconductor Manufacturing Company (TSMC) low-power (LP) process technology, silicon optimizations and software features to minimize power consumption, Cyclone III device family provides the ideal solution for your high-volume, low-power, and cost-sensitive applications. To address the unique design needs, Cyclone III device family offers the following two variants:

■ Cyclone III—lowest power, high functionality with the lowest cost
■ Cyclone III LS—lowest power FPGAs with security

With densities ranging from about 5,000 to 200,000 logic elements (LEs) and 0.5 Megabits (Mb) to 8 Mb of memory for less than ¼ watt of static power consumption, Cyclone III device family makes it easier for you to meet your power budget. Cyclone III LS devices are the first to implement a suite of security features at the silicon, software, and intellectual property (IP) level on a low-power and high-functionality FPGA platform. This suite of security features protects the IP from tampering, reverse engineering and cloning. In addition, Cyclone III LS devices support design separation which enables you to introduce redundancy in a single chip to reduce size, weight, and power of your application.

This chapter contains the following sections:
■ “Cyclone III Device Family Features” on page 1–1
■ “Cyclone III Device Family Architecture” on page 1–6
■ “Reference and Ordering Information” on page 1–12




Similar Part No. - CLK14_6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
CLK14N ALTERA-CLK14N Datasheet
5Mb / 768P
Stratix II Device Handbook, Volume 1
CLK14P ALTERA-CLK14P Datasheet
5Mb / 768P
Stratix II Device Handbook, Volume 1
More results


Similar Description - CLK14_6N

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP1C6F256C8N ALTERA-EP1C6F256C8N Datasheet
5Mb / 385P
Cyclone Device Handbook, Volume 1
EP3C120F484C7 ALTERA-EP3C120F484C7 Datasheet
7Mb / 274P
Cyclone III Device Handbook
EP2C5Q208I8N ALTERA-EP2C5Q208I8N Datasheet
5Mb / 470P
Cyclone II Device Handbook, Volume 1
EP2C20F256C8N ALTERA-EP2C20F256C8N Datasheet
5Mb / 470P
Cyclone II Device Handbook, Volume 1
EP3C5M164I7N ALTERA-EP3C5M164I7N Datasheet
7Mb / 274P
Cyclone III Device Handbook
EP3C16F484I7 ALTERA-EP3C16F484I7 Datasheet
7Mb / 274P
Cyclone III Device Handbook
5CEBA7F23C7N ALTERA-5CEBA7F23C7N Datasheet
1Mb / 74P
Cyclone V Device Handbook
logo
List of Unclassifed Man...
EP1C12F256I7N ETC2-EP1C12F256I7N Datasheet
5Mb / 385P
Cyclone Device Handbook, Volume 1
logo
Altera Corporation
C5V1-2.4 ALTERA-C5V1-2.4 Datasheet
2Mb / 385P
Cyclone Device Handbook, Volume 1
May 2008
EP4CE6F17I7N ALTERA-EP4CE6F17I7N Datasheet
1Mb / 54P
Cyclone IV Device Handbook
December 2016
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com