Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPB15XP Datasheet (PDF) - NXP Semiconductors

PMPB15XP Datasheet PDF - NXP Semiconductors
Part # PMPB15XP
Download  PMPB15XP Download
File Size   260.18 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 12 V, single P-channel Trench MOSFET

PMPB15XP Datasheet (PDF)

Go To PDF Page Download Datasheet
PMPB15XP Datasheet PDF - NXP Semiconductors

Part # PMPB15XP
Download  PMPB15XP Click to download

File Size   260.18 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 12 V, single P-channel Trench MOSFET

PMPB15XP Datasheet (HTML) - NXP Semiconductors


PMPB15XP Product details

General description
P-channel enhancement mode Field-Effect Transistor (FET) in a leadless medium power DFN2020MD-6 (SOT1220) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

Features and benefits
• 1.5 kV ESD protection (human body model)
• Trench MOSFET technology
• Small and leadless ultra thin SMD plastic package: 2 x 2 x 0.65 mm
• Exposed drain pad for excellent thermal conduction
• Tin-plated 100 % solderable side pads for optical solder inspection

Applications
• Charging switch for portable devices
• DC-to-DC converters
• Power management in battery-driven portable devices
• Hard disk and computing power management




Similar Part No. - PMPB15XP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB15XP NEXPERIA-PMPB15XP Datasheet
375Kb / 15P
12 V, single P-channel Trench MOSFET
22 November 2012
PMPB15XP NEXPERIA-PMPB15XP Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
PMPB15XP NEXPERIA-PMPB15XP Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
PMPB15XPA NEXPERIA-PMPB15XPA Datasheet
302Kb / 14P
12 V, P-channel Trench MOSFET
27 March 2018
PMPB15XPAX NEXPERIA-PMPB15XPAX Datasheet
302Kb / 14P
12 V, P-channel Trench MOSFET
27 March 2018
More results


Similar Description - PMPB15XP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMCM4401VPE PHILIPS-PMCM4401VPE_15 Datasheet
325Kb / 15P
12 V, P-channel Trench MOSFET
29 July 2015
PMXB65UPE PHILIPS-PMXB65UPE_15 Datasheet
257Kb / 15P
12 V, P-channel Trench MOSFET
8 July 2014
PMPB15XP PHILIPS-PMPB15XP_15 Datasheet
260Kb / 14P
12 V, single P-channel Trench MOSFET
22 November 2012
logo
Nexperia B.V. All right...
PMXB65UPE NEXPERIA-PMXB65UPE Datasheet
739Kb / 15P
12 V, P-channel Trench MOSFET
PMPB15XPA NEXPERIA-PMPB15XPA Datasheet
302Kb / 14P
12 V, P-channel Trench MOSFET
27 March 2018
PMPB07R3VP NEXPERIA-PMPB07R3VP Datasheet
301Kb / 14P
12 V, P-channel Trench MOSFET
1 March 2021
PMPB09R5VP NEXPERIA-PMPB09R5VP Datasheet
322Kb / 14P
12 V, P-channel Trench MOSFET
10 February 2021
PMPB14XP NEXPERIA-PMPB14XP Datasheet
345Kb / 15P
12 V, P-channel Trench MOSFET
3 July 2018
PMPB15XP NEXPERIA-PMPB15XP Datasheet
375Kb / 15P
12 V, single P-channel Trench MOSFET
22 November 2012
PXP3R7-12QU NEXPERIA-PXP3R7-12QU Datasheet
321Kb / 14P
12 V, P-channel Trench MOSFET
31 July 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com