Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPB20EN Datasheet (PDF) - NXP Semiconductors

PMPB20EN Datasheet PDF - NXP Semiconductors
Part # PMPB20EN
Download  PMPB20EN Download
File Size   1137.05 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 30 V N-channel Trench MOSFET

PMPB20EN Datasheet (PDF)

Go To PDF Page Download Datasheet
PMPB20EN Datasheet PDF - NXP Semiconductors

Part # PMPB20EN
Download  PMPB20EN Click to download

File Size   1137.05 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 30 V N-channel Trench MOSFET

PMPB20EN Datasheet (HTML) - NXP Semiconductors


PMPB20EN Product details

General description
N-channel enhancement mode Field-Effect Transistor (FET) in a leadless medium power DFN2020MD-6 (SOT1220) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

Features and benefits
• Trench MOSFET technology
• Very fast switching
• Small and leadless ultra thin SMD plastic package: 2 x 2 x 0.65 mm
• Exposed drain pad for excellent thermal conduction
• Tin-plated 100 % solderable side pads for optical solder inspection

Applications
• Charging switch for portable devices
• DC-to-DC converters
• Power management in battery-driven portables
• Hard disk and computing power management




Similar Part No. - PMPB20EN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB20EN NEXPERIA-PMPB20EN Datasheet
349Kb / 15P
30 V, N-channel Trench MOSFET
12 July 2018
logo
NXP Semiconductors
PMPB20EN PHILIPS-PMPB20EN_15 Datasheet
275Kb / 15P
30 V N-channel Trench MOSFET
14 January 2014
More results


Similar Description - PMPB20EN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMPB11EN PHILIPS-PMPB11EN_15 Datasheet
273Kb / 15P
30 V N-channel Trench MOSFET
14 January 2014
PMZ390UNE PHILIPS-PMZ390UNE_15 Datasheet
221Kb / 14P
30 V, N-channel Trench MOSFET
12 March 2015
PMZ550UNE PHILIPS-PMZ550UNE_15 Datasheet
224Kb / 15P
30 V, N-channel Trench MOSFET
25 March 2015
PMZB550UNE PHILIPS-PMZB550UNE_15 Datasheet
224Kb / 15P
30 V, N-channel Trench MOSFET
25 March 2015
logo
Nexperia B.V. All right...
PMV20XNE NEXPERIA-PMV20XNE Datasheet
720Kb / 15P
30 V, N-channel Trench MOSFET
PMV25ENEA NEXPERIA-PMV25ENEA Datasheet
377Kb / 16P
30 V, N-channel Trench MOSFET
PMZ550UNE NEXPERIA-PMZ550UNE Datasheet
713Kb / 15P
30 V, N-channel Trench MOSFET
BUK4D60-30 NEXPERIA-BUK4D60-30 Datasheet
301Kb / 15P
30 V, N-channel Trench MOSFET
7 July 2020
BUK6D38-30E NEXPERIA-BUK6D38-30E Datasheet
284Kb / 15P
30 V, N-channel Trench MOSFET
12 April 2019
BUK6D72-30E NEXPERIA-BUK6D72-30E Datasheet
285Kb / 15P
30 V, N-channel Trench MOSFET
29 April 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com