Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC6PBF Datasheet (PDF) - International Rectifier

KBPC6PBF Datasheet PDF - International Rectifier
Part # KBPC6PBF
Download  KBPC6PBF Download
File Size   163.49 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 6A, 8A Single Phase Rectifier Bridge

KBPC6PBF Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC6PBF Datasheet PDF - International Rectifier

Part # KBPC6PBF
Download  KBPC6PBF Click to download

File Size   163.49 Kbytes
Page   4 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 6A, 8A Single Phase Rectifier Bridge

KBPC6PBF Datasheet (HTML) - International Rectifier


KBPC6PBF Product details




Similar Part No. - KBPC6PBF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC6 SEMTECH-KBPC6 Datasheet
122Kb / 2P
6.0A SINGLE - PHASE SILICON BRIDGE???
logo
CHENG-YI ELECTRONIC CO....
KBPC6 CHENG-YI-KBPC6 Datasheet
124Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Vishay Siliconix
KBPC6 VISHAY-KBPC6 Datasheet
123Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
23-Dec-08
KBPC6 VISHAY-KBPC6 Datasheet
121Kb / 5P
Single Phase Rectifier Bridge, 3 A, 6 A
23-Dec-08
logo
SynSemi, Inc.
KBPC6 SYNSEMI-KBPC6 Datasheet
395Kb / 2P
Glass Passivated Single-Phase Bridge Recitifiers
More results


Similar Description - KBPC6PBF

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
KBPC8005 SEMTECH_ELEC-KBPC8005 Datasheet
237Kb / 2P
8A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
BP6-005 FRONTIER-BP6-005 Datasheet
56Kb / 2P
6A SINGLE PHASE SILICON BRIDGE RECTIFIER
BU8-005 FRONTIER-BU8-005 Datasheet
121Kb / 2P
8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU8-005-LFR FRONTIER-BU8-005-LFR Datasheet
122Kb / 2P
8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU8-005 FRONTIER-GBU8-005 Datasheet
124Kb / 2P
8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU8-005-LFR FRONTIER-GBU8-005-LFR Datasheet
127Kb / 2P
8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
Nell Semiconductor Co.,...
GBU6 NELLSEMI-GBU6 Datasheet
161Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 6A
GBU8 NELLSEMI-GBU8 Datasheet
159Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 8A
KBJ6 NELLSEMI-KBJ6 Datasheet
232Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 6A
KBJ8 NELLSEMI-KBJ8 Datasheet
231Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier, 8A
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com