Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE42851 Datasheet (PDF) - Peregrine Semiconductor

PE42851 Datasheet PDF - Peregrine Semiconductor
Part # PE42851
Download  PE42851 Download
File Size   417.46 Kbytes
Page   12 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS짰 SP5T RF Switch 100 - 1000 MHz

PE42851 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE42851 Datasheet PDF - Peregrine Semiconductor

Part # PE42851
Download  PE42851 Click to download

File Size   417.46 Kbytes
Page   12 Pages
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor
Description UltraCMOS짰 SP5T RF Switch 100 - 1000 MHz

PE42851 Datasheet (HTML) - Peregrine Semiconductor




Similar Part No. - PE42851

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
UltraCMOS짰 SP5T RF Switch 100??000 MHz
More results


Similar Description - PE42851

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor
PE42821 PSEMI-PE42821 Datasheet
403Kb / 12P
UltraCMOS짰 SPDT RF Switch 100 - 2700 MHz
PE42850 PSEMI-PE42850 Datasheet
372Kb / 12P
UltraCMOS짰 SP5T RF Switch 30 - 1000 MHz
PE42451 PSEMI-PE42451_14 Datasheet
403Kb / 11P
SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch
PE42452 PSEMI-PE42452_14 Datasheet
493Kb / 11P
UltraCMOS짰 SP5T RF Switch
PE42420LGBB-Z PSEMI-PE42420LGBB-Z Datasheet
403Kb / 12P
UltraCMOS짰 SPDT RF Switch 100.6000 MHz
PE42423MLBA-Z PSEMI-PE42423MLBA-Z Datasheet
490Kb / 11P
UltraCMOS짰 SPDT RF Switch 100 MHz - 6 GHz
PE42430MLAB-Z PSEMI-PE42430MLAB-Z Datasheet
483Kb / 11P
UltraCMOS짰 SP3T Reflective RF Switch 100 ??3000 MHz
PE42451MLIAA-Z PSEMI-PE42451MLIAA-Z Datasheet
352Kb / 11P
SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch 450-4000 MHz, VssEXT option
PE42641MLBC-Z PSEMI-PE42641MLBC-Z Datasheet
232Kb / 8P
SP4T UltraCMOS짰 RF Switch 100 MHz ??3.0 GHz
PE42851MLBA-X PSEMI-PE42851MLBA-X Datasheet
380Kb / 12P
UltraCMOS짰 SP5T RF Switch 100??000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com