Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX19586 Datasheet (PDF) - Maxim Integrated Products

MAX19586 Datasheet PDF - Maxim Integrated Products
Part # MAX19586
Download  MAX19586 Download
File Size   389.02 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor

MAX19586 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX19586 Datasheet PDF - Maxim Integrated Products

Part # MAX19586
Download  MAX19586 Click to download

File Size   389.02 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Dynamic-Range, 16-Bit, 80Msps ADC with -82dBFS Noise Floor

MAX19586 Datasheet (HTML) - Maxim Integrated Products


MAX19586 Product details

General Description
The MAX19586 is a 3.3V, high-speed, high-performance analog-to-digital converter (ADC) featuring a fully differential wideband track-and-hold (T/H) and a 16-bit converter core. The MAX19586 is optimized for multichannel, multimode receivers, which require the ADC to meet very stringent dynamic performance requirements. With a -82dBFS noise floor, the MAX19586 allows for the design of receivers with superior sensitivity requirements.

Features
♦ 80Msps Minimum Sampling Rate
♦ -82dBFS Noise Floor
♦ Excellent Dynamic Performance
    80dB/79.2dB SNR at fIN = 10MHz/70MHz and -2dBFS
    96dBc/102dBc Single-Tone SFDR1/SFDR2 at fIN = 10MHz
    84.3dBc/100dBc Single-Tone SFDR1/SFDR2 at fIN = 70MHz
♦ Less than 0.1ps Sampling Jitter
♦ 1.1W Power Dissipation
♦ 2.56VP-P Fully Differential Analog Input Voltage Range
♦ CMOS-Compatible Two’s-Complement Data Output
♦ Separate Data Valid Clock and Over-Range Outputs
♦ Flexible Input Clock Buffer
♦ 3.3V Analog Power Supply; 1.8V Digital Output Supply
♦ Small 8mm x 8mm x 0.8mm 56-Pin Thin QFN Package
♦ EV Kit Available for MAX19586 (Order MAX19586EVKIT)

Applications
    Cellular Base-Station Transceiver Systems (BTS)
    Wireless Local Loop (WLL)
    Multicarrier Receivers
    Multistandard Receivers
    E911 Location Receivers
    High-Performance Instrumentation
    Antenna Array Processing




Similar Part No. - MAX19586

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1958 MAXIM-MAX1958 Datasheet
799Kb / 24P
W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
MAX19588 MAXIM-MAX19588 Datasheet
300Kb / 19P
High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Rev 0; 5/06
MAX19588ETND MAXIM-MAX19588ETND Datasheet
300Kb / 19P
High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Rev 0; 5/06
MAX1958ETP MAXIM-MAX1958ETP Datasheet
799Kb / 24P
W-CDMA/N-CDMA Cellular Phone HBT PA Management ICs
Rev 0; 10/02
More results


Similar Description - MAX19586

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1428 MAXIM-MAX1428 Datasheet
717Kb / 18P
15-Bit, 80Msps ADC with -78.4dBFS Noise Floor for IF Applications
Rev 0; 10/04
logo
Linear Technology
LTC1748 LINER-LTC1748 Datasheet
533Kb / 20P
14-Bit, 80Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX19588 MAXIM-MAX19588 Datasheet
300Kb / 19P
High-Dynamic-Range, 16-Bit, 100Msps ADC with -82dBFS Noise Floor
Rev 0; 5/06
logo
Linear Technology
LTC1747 LINER-LTC1747 Datasheet
491Kb / 20P
12-Bit, 80Msps Low Noise ADC
LTC2216 LINER-LTC2216 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC1748 LINER-LTC1748_15 Datasheet
534Kb / 20P
14-Bit, 80Msps Low Noise ADC
LTC1747 LINER-LTC1747_15 Datasheet
497Kb / 20P
12-Bit, 80Msps Low Noise ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
logo
Maxim Integrated Produc...
MAX1427 MAXIM-MAX1427 Datasheet
368Kb / 18P
15-Bit, 80Msps ADC with -79.3dBFS Noise Floor for Baseband Applications
2004
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com