Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9969 Datasheet (PDF) - Maxim Integrated Products

MAX9969 Datasheet PDF - Maxim Integrated Products
Part # MAX9969
Download  MAX9969 Download
File Size   688.82 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load

MAX9969 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9969 Datasheet PDF - Maxim Integrated Products

Part # MAX9969
Download  MAX9969 Click to download

File Size   688.82 Kbytes
Page   31 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load

MAX9969 Datasheet (HTML) - Maxim Integrated Products


MAX9969 Product details

General Description
The MAX9969 dual, low-power, high-speed, pin electronics driver/comparator with 35mA load IC includes, for each channel, a three-level pin driver, a dual comparator, variable clamps, and an active load. An additional differential comparator allows comparisons between the two channels. The driver features a wide voltage range and high-speed operation, includes highimpedance and active-termination (3rd-level drive) modes, and is highly linear even at low voltage swings.

Features
♦ Low-Power Dissipation: 1.4W/Channel (typ)
♦ Greatly Reduced Power Penalty when Load Commutated
♦ High Speed: 1200Mbps at 3VP-P and 1800Mbps at 1VP-P
♦ Programmable 35mA Active-Load Current
♦ Low Timing Dispersion
♦ Wide -1.5V to +6.5V Operating Range
♦ Active Termination (3rd-Level Drive)
♦ Low-Leakage Mode: 15nA
♦ Integrated Clamps
♦ Integrated Differential Comparator
♦ Interfaces Easily with Most Logic Families
♦ Digitally Programmable Slew Rate
♦ Internal Termination Resistors
♦ Low Offset Error
♦ Pin Compatible with the MAX9967

Applications
    High-Performance Mixed-Signal/System-on-Chip ATE
    High-Performance Memory ATE




Similar Part No. - MAX9969

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX996 MAXIM-MAX996 Datasheet
141Kb / 12P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage
Rev 2; 1/07
MAX996 MAXIM-MAX996 Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX9960 MAXIM-MAX9960 Datasheet
621Kb / 11P
Dual-Flash-Pin Electronics/Supervoltage Switch Matrix
Rev 0; 10/04
More results


Similar Description - MAX9969

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9973 MAXIM-MAX9973 Datasheet
382Kb / 26P
Dual Driver/Comparator/Load with Internal DACs
Rev 0; 1/07
MAX9963 MAXIM-MAX9963 Datasheet
744Kb / 25P
Quad, Low-Power, 500Mbps ATE Driver/Comparator
Rev 1; 1/04
MAX9967 MAXIM-MAX9967 Datasheet
664Kb / 30P
Dual, Low-Power, 500Mbps ATE Driver/Comparator with 35mA Load
Rev 1; 2/05
logo
Semtech Corporation
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
logo
KODENSHI_AUK CORP.
SN393 KODENSHI-SN393 Datasheet
474Kb / 8P
Low Power Dual Comparator
logo
Touchstone Semiconducto...
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
STMicroelectronics
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
Low-power dual voltage comparator
05-Dec-2012
logo
Maxim Integrated Produc...
MAX9977 MAXIM-MAX9977 Datasheet
1Mb / 17P
Quad, Low-Power, 1200Mbps ATE Driver
Rev 0; 7/05
MAX9975 MAXIM-MAX9975 Datasheet
885Kb / 32P
Dual, Low-Power, 1200Mbps ATE Driver/Comparator with 35mA Load
Rev 0; 6/05
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
Low-Power Single/Dual-Supply Dual Comparator with Reference
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com