Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCR5PM-14LJ Datasheet (PDF) - Renesas Technology Corp

BCR5PM-14LJ Datasheet PDF - Renesas Technology Corp
Part # BCR5PM-14LJ
Download  BCR5PM-14LJ Download
File Size   117.02 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V - 5A - Triac Medium Power Use

BCR5PM-14LJ Datasheet (PDF)

Go To PDF Page Download Datasheet
BCR5PM-14LJ Datasheet PDF - Renesas Technology Corp

Part # BCR5PM-14LJ
Download  BCR5PM-14LJ Click to download

File Size   117.02 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 700V - 5A - Triac Medium Power Use

BCR5PM-14LJ Datasheet (HTML) - Renesas Technology Corp


BCR5PM-14LJ Product details

Features

IT (RMS): 5 A

VDRM: 800 V (Tj =125°C)

Tj: 150°C

IFGTI, IRGTI, IRGT III: 30 mA

Viso: 2000 V

Insulated Type

Planar Passivation Type




Similar Part No. - BCR5PM-14LJ

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BCR5PM-14LJ ISC-BCR5PM-14LJ Datasheet
220Kb / 1P
isc Thyristors
logo
Renesas Technology Corp
BCR5PM-14LJ RENESAS-BCR5PM-14LJ_15 Datasheet
111Kb / 8P
700V - 5A - Triac Medium Power Use
More results


Similar Description - BCR5PM-14LJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR5FM-14LB RENESAS-BCR5FM-14LB Datasheet
62Kb / 4P
700V - 5A - Triac Medium Power Use
BCR5FM-14LJ RENESAS-BCR5FM-14LJ Datasheet
106Kb / 8P
700V - 5A - Triac Medium Power Use
BCR5LM-14LJ RENESAS-BCR5LM-14LJ Datasheet
110Kb / 8P
700V - 5A - Triac Medium Power Use
BCR25FM-14LJ RENESAS-BCR25FM-14LJ_15 Datasheet
121Kb / 8P
700V - 25A - Triac Medium Power Use
BCR5FM-14LB RENESAS-BCR5FM-14LB_15 Datasheet
62Kb / 4P
700V - 5A - Triac Medium Power Use
BCR5FM-14LJ RENESAS-BCR5FM-14LJ_15 Datasheet
106Kb / 8P
700V - 5A - Triac Medium Power Use
BCR5LM-14LJ RENESAS-BCR5LM-14LJ_15 Datasheet
110Kb / 8P
700V - 5A - Triac Medium Power Use
BCR5PM-14LJ RENESAS-BCR5PM-14LJ_15 Datasheet
111Kb / 8P
700V - 5A - Triac Medium Power Use
BCR12LM-14LJ RENESAS-BCR12LM-14LJ_15 Datasheet
110Kb / 8P
700V - 12A - Triac Medium Power Use
BCR5FM-14LC RENESAS-BCR5FM-14LC Datasheet
512Kb / 9P
700V - 5A - Triac Medium Power Use
Feb. 19, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com