Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8051F93X Datasheet (PDF) - Silicon Laboratories

C8051F93X Datasheet PDF - Silicon Laboratories
Part # C8051F93X
Download  C8051F93X Download
File Size   2793.03 Kbytes
Page   330 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Pipelined intstruction architecture executes 70 of instruction in 1 or 2 system clocks

C8051F93X Datasheet (PDF)

Go To PDF Page Download Datasheet
C8051F93X Datasheet PDF - Silicon Laboratories

Part # C8051F93X
Download  C8051F93X Click to download

File Size   2793.03 Kbytes
Page   330 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Pipelined intstruction architecture executes 70 of instruction in 1 or 2 system clocks

C8051F93X Datasheet (HTML) - Silicon Laboratories


C8051F93X Product details

System Overview
C8051F93x-C8051F92x devices are fully integrated mixed-signal System-on-a-Chip MCUs. Highlighted features are listed below. Refer to Table 2.1 for specific product feature selection and part ordering numbers.

• Single/Dual Battery operation with on-chip dc-dc boost converter.
• High-speed pipelined 8051-compatible microcontroller core (up to 25 MIPS)
• In-system, full-speed, non-intrusive debug interface (on-chip)
• True 10-bit 300 ksps 23-channel single-ended ADC with analog multiplexer
• 6-Bit Programmable Current Reference
• Precision programmable 24.5 MHz internal oscillator with spread spectrum technology.
• 64 kB or 32 kB of on-chip Flash memory
• 4352 bytes of on-chip RAM
• SMBus/I2C, Enhanced UART, and two Enhanced SPI serial interfaces implemented in hardware
• Four general-purpose 16-bit timers
• Programmable Counter/Timer Array (PCA) with six capture/compare modules and
   Watchdog Timer function
• On-chip Power-On Reset, VDD Monitor, and Temperature Sensor
• Two On-chip Voltage Comparators with 23 Touch Sense inputs.
• 24 or 16 Port I/O (5 V tolerant)

Supply Voltage 0.9 to 3.6 V
- One-Cell Mode supports 0.9 to 1.8 V operation
- Two-Cell Mode supports 1.8 to 3.6 V operation
- Built-in dc-dc converter with 1.8 to 3.3 V output for use in one-cell mode
- Built-in LDO regulator allows a high analog supply voltage and low digital core voltage
- 2 built in supply monitors (brownout detectors)

10-Bit Analog to Digital Converter
- ±1 LSB INL; no missing codes
- Programmable throughput up to 300 ksps
- Up to 23 external inputs
- On-Chip Voltage Reference
- On-Chip PGA allows measuring voltages up to twice the reference voltage
- 16-bit Auto-Averaging Accumulator with Burst Mode
   provides increased ADC resolution
- Data dependent windowed interrupt generator
- Built-in temperature sensor

Two Comparators
- Programmable hysteresis and response time
- Configurable as wake-up or reset source
- Up to 23 Capacitive Touch Sense Inputs

6-Bit Programmable Current Reference
- Up to ±500 µA. Can be used as a bias or for
   generating a custom reference voltage

On-Chip Debug
- On-chip debug circuitry facilitates full-speed,
   nonintrusive in-system debug (no emulator required)
- Provides breakpoints, single stepping
- Inspect/modify memory and registers
- Complete development kit

High-Speed 8051 µC Core
- Pipelined instruction architecture; executes 70% of
   instructions in 1 or 2 system clocks
- Up to 25 MIPS throughput with 25 MHz clock
- Expanded interrupt handler

Memory
- 4352 bytes internal data RAM (256 + 4096)
- 64 kB (‘F93x) or 32 kB (‘F92x) Flash; In-system programmable
   in 1024-byte sectors—1024 bytes are
   reserved in the 64 kB devices

Digital Peripherals
- 24 or 16 port I/O; All 5 V tolerant with high sink 
   current and programmable drive strength-Hardware
   SMBus™ (I2C™ Compatible), 2 x SPI™, and UART
   serial ports available concurrently
- Four general purpose 16-bit counter/timers
- Programmable 16-bit counter/timer array with six
   capture/compare modules and watchdog timer
- Hardware SmaRTClock operates down to 0.9 V and
   requires less than 0.5 µA supply current

Clock Sources
- Internal oscillators: 24.5 MHz, 2% accuracy
   supports UART operation; 20 MHz low power
   oscillator requires very little bias current
- External oscillator: Crystal, RC, C, or CMOS Clock
- SmaRTClock oscillator: 32 kHz Crystal or internal
   self-oscillate mode
- Can switch between clock sources on-the-fly; useful
   in implementing various power saving modes

Packages
- 32-pin QFN (5 x 5 mm)
- 24-pin QFN (4 x 4 mm)
- 32-pin LQFP (7 x 7 mm, easy to hand-solder)

Temperature Range: –40 to +85 °C




Similar Part No. - C8051F93X

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F930 SILABS-C8051F930 Datasheet
53Kb / 2P
25 MIPS, 8 kB Flash, Ultra Low Power, Capacitive Sensing MCU
C8051F930 SILABS-C8051F930 Datasheet
51Kb / 2P
Ultra Low Power, High-Performance MCU
C8051F930-G-GM SILABS-C8051F930-G-GM Datasheet
4Mb / 351P
Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F930-G-GQ SILABS-C8051F930-G-GQ Datasheet
4Mb / 351P
Single/Dual Battery, 0.9??.6 V, 64/32 kB, SmaRTClock, 10-Bit ADC MCU
C8051F930-GM SILABS-C8051F930-GM Datasheet
63Kb / 2P
Single/Dual Battery, 0.9-3.6 V, 32 kB, smaRTClock, 10-Bit ADC MCU
More results


Similar Description - C8051F93X

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1302DV25 CYPRESS-CY7C1302DV25 Datasheet
231Kb / 18P
9-Mbit Burst of Two Pipelined SRAMs with QDR Architecture
CY7C1304DV25 CYPRESS-CY7C1304DV25_06 Datasheet
424Kb / 18P
9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
CY7C1303AV18 CYPRESS-CY7C1303AV18 Datasheet
479Kb / 20P
18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303AV25 CYPRESS-CY7C1303AV25 Datasheet
479Kb / 19P
18-Mb Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303BV18 CYPRESS-CY7C1303BV18 Datasheet
246Kb / 19P
18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1303BV25 CYPRESS-CY7C1303BV25 Datasheet
817Kb / 19P
18-Mbit Burst of 2 Pipelined SRAM with QDR??Architecture
CY7C1304CV25 CYPRESS-CY7C1304CV25 Datasheet
300Kb / 18P
9-Mbit Burst of 4 Pipelined SRAM with QDR??Architecture
logo
Infineon Technologies A...
XC800 INFINEON-XC800 Datasheet
1Mb / 132P
Microcontroller Family Architecture and Instruction Set
V 0.1, Jan 2005
logo
Cypress Semiconductor
CY7C1303CV25 CYPRESS-CY7C1303CV25 Datasheet
539Kb / 21P
18-Mbit Burst of 2 Pipelined SRAM with QDR Architecture
logo
PANDUIT CORP.
D-436-0115 PANDUIT-D-436-0115 Datasheet
104Kb / 1P
IN-LINE SPLICE SEALING SYSTEM, 2 OR 3 TO 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com