Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP2120 Datasheet (PDF) - Silicon Laboratories

CP2120 Datasheet PDF - Silicon Laboratories
Part # CP2120
Download  CP2120 Download
File Size   189.02 Kbytes
Page   24 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Integrated clock no extemal clock required On-Chip Voltage Monitor

CP2120 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP2120 Datasheet PDF - Silicon Laboratories

Part # CP2120
Download  CP2120 Click to download

File Size   189.02 Kbytes
Page   24 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Integrated clock no extemal clock required On-Chip Voltage Monitor

CP2120 Datasheet (HTML) - Silicon Laboratories


CP2120 Product details

System Overview
The CP2120 is a highly-integrated SPI-to-I2C Bridge Controller with an SPI interface that provides a simple and reliable method for communicating with I2C devices. The CP2120 includes a 4-wire serial peripheral interface (SPI), a serial I2C interface, 256 byte data buffers, an internal oscillator, eight input/output port pins, and one pin configurable as an edge-triggered interrupt source in a compact 4x4 package. No external components other than pull-up resisters on the I2C pins are required. The SPI Master controls the CP2120 across the SPI interface using a command set that governs all CP2120 configuration and operation.

Single Chip SPI to I2C Transfer
   ● Integrated clock; no external clock required
   ● On-Chip Voltage Monitor

Slave Serial Peripheral Interface (SPI)
   ● Up to 1.0 Mbit/s Transfers
   ● Configurable to Least Significant Bit or Most Significant
      Bit first byte transfers
     
I2C Master Interface
   ● Operates at configurable rates up to 400 kHz
   ● 255 RX and TX Data Buffers

Input and Output Port Pins
   ● 8 Pins Configurable as Push-Pull or Open-Drain
   ● 1 Pin Configurable as an edge-triggered interrupt
      source
   ● All pins 5 V Tolerant
   ● INT active low interrupt pin

Supply Voltage of 2.7 V to 3.6 V
   ● Typical operating current: 6.4 mA

Package
   ● Pb-free 20-pin QFN




Similar Part No. - CP2120

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2120 ETC1-CP2120 Datasheet
272Kb / 3P
TRANSHIELLD CP2000 SERIES
logo
Silicon Laboratories
CP2120-EK SILABS-CP2120-EK Datasheet
338Kb / 8P
EVALUATION KIT USERS GUIDE
logo
List of Unclassifed Man...
CP2120A ETC1-CP2120A Datasheet
272Kb / 3P
TRANSHIELLD CP2000 SERIES
More results


Similar Description - CP2120

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE6507 NTE-NTE6507 Datasheet
35Kb / 4P
Integrated Circuit NMOS, 8 Bit Microprocessor (MPU) w/On-Chip Clock OSC
logo
Integrated Circuit Syst...
MK2042-01 ICST-MK2042-01 Datasheet
81Kb / 6P
Communications Clock Monitor
Revision 102600
logo
Integrated Device Techn...
IDT2305 IDT-IDT2305_09 Datasheet
186Kb / 12P
3.3V ZERO DELAY CLOCK BUFFER No external RC network required
logo
THine Electronics, Inc.
THCS131 THINE-THCS131 Datasheet
373Kb / 10P
No External Clock Required
THCS132 THINE-THCS132 Datasheet
596Kb / 19P
No External Clock Required
THCS133 THINE-THCS133 Datasheet
358Kb / 10P
No External Clock Required.
logo
Gennum Corporation
GS1671A GENNUM-GS1671A Datasheet
9Mb / 136P
Integrated audio clock generator
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
Integrated audio clock generator
GS2971A GENNUM-GS2971A Datasheet
4Mb / 152P
Integrated audio clock generator
logo
UMC Corporation
UM6104 UMC-UM6104 Datasheet
312Kb / 6P
fully static operation, no clock or refreshing required
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com