Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLT808-150GS Datasheet (PDF) - Roithner LaserTechnik GmbH

RLT808-150GS Datasheet PDF - Roithner LaserTechnik GmbH
Part # RLT808-150GS
Download  RLT808-150GS Download
File Size   63.69 Kbytes
Page   1 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description High Power Infrared Laser Diode

RLT808-150GS Datasheet (PDF)

Go To PDF Page Download Datasheet
RLT808-150GS Datasheet PDF - Roithner LaserTechnik GmbH

Part # RLT808-150GS
Download  RLT808-150GS Click to download

File Size   63.69 Kbytes
Page   1 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description High Power Infrared Laser Diode

RLT808-150GS Datasheet (HTML) - Roithner LaserTechnik GmbH


RLT808-150GS Product details

High Power Infrared Laser Diode

Lasing mode structure: single mode
Lasing wavelength: typ. 808 nm
Optical power: 150 mW
Package: 9 mm (SOT-148)




Similar Part No. - RLT808-150GS

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT808-100G ROITHNER-RLT808-100G Datasheet
400Kb / 2P
Infrared Laser Diode
RLT808-10MG ROITHNER-RLT808-10MG Datasheet
155Kb / 1P
index guided mqw structure
More results


Similar Description - RLT808-150GS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLT1060-100GS ETC2-RLT1060-100GS Datasheet
60Kb / 1P
High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLCO-808-2000-TO3 ROITHNER-RLCO-808-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-940-2000-TO3 ROITHNER-RLCO-940-2000-TO3 Datasheet
122Kb / 3P
High Power Infrared Laser Diode
RLCO-940-4000-TO3 ROITHNER-RLCO-940-4000-TO3 Datasheet
227Kb / 3P
High Power Infrared Laser Diode
RLT905-300GS ROITHNER-RLT905-300GS Datasheet
58Kb / 1P
High Power Infrared Laser Diode
RLT940-100GS ROITHNER-RLT940-100GS Datasheet
58Kb / 1P
High Power Infrared Laser Diode
logo
Samtec, Inc
RLT1300-40G SAMTEC-RLT1300-40G Datasheet
108Kb / 2P
High Power Infrared Laser Diode
logo
Roithner LaserTechnik G...
RLT1600-30G ROITHNER-RLT1600-30G Datasheet
116Kb / 2P
High Power Infrared Laser Diode
RLT1725-300HHL ROITHNER-RLT1725-300HHL Datasheet
92Kb / 1P
High Power Infrared Laser Diode
RLT98500GOP ROITHNER-RLT98500GOP Datasheet
178Kb / 3P
High Power Infrared Laser Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com