Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI476X Datasheet (PDF) - Silicon Laboratories

SI476X Datasheet PDF - Silicon Laboratories
Part # SI476X
Download  SI476X Download
File Size   51.71 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Worldwide FM band support (64-108 MHz) AM/FM HDR support Worldwide AM band support

SI476X Datasheet (PDF)

Go To PDF Page Download Datasheet
SI476X Datasheet PDF - Silicon Laboratories

Part # SI476X
Download  SI476X Click to download

File Size   51.71 Kbytes
Page   2 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Worldwide FM band support (64-108 MHz) AM/FM HDR support Worldwide AM band support

SI476X Datasheet (HTML) - Silicon Laboratories


SI476X Product details

Description

The Si476x radio receiver family employs 100% RF CMOS technology to bring outstanding receiver performance to the automotive infotainment industry, which demands high performance and quality.

The Si476x receiver family supports worldwide FM and AM radio reception. Additional variants support weather band, shortwave, longwave frequencies, and dual antenna FM phase diversity reception.



Features

- Worldwide FM band support (64–108 MHz)

- AM/FM HDR support

- Worldwide AM band support (520–1710 kHz)

- Advanced RDS/RBDS demodulator/decoder

- Digital FM MPX decoder

- Integrated FM active splitter

- Addresses companion AF/RDS data receiver

- Advanced AM/FM noise blankers

- Dynamic AM/FM channel bandwidth control

- Advanced FM hi-cut control

- Programmable FM stereo-mono blend

- Programmable AM/FM soft mute

- Full suite of signal metrics: RSSI, SNR, multi-path interference, frequency offset, adjacent channel strength, USN

- Analog and digital (I2S) audio outputs

- Digital (I2S) baseband AM/FM I/Q

- Analog FM MPX output

- Low-IF architecture

- Eliminates expensive 10.7 MHz IF ceramic filters

- On-chip AM/FM AGC with integrated resistor and varactor banks

- Eliminates external pin diode attenuators and varactors

- 1.5 to 5 V power supplies

- QFN 40, 6 x 6 x 0.85 mm

   - Pb-free/RoHS compliant

- AEC-Q100 qualified



Applications

- OEM automotive infotainment systems

- Aftermarket car radio systems

- OEM automotive PND docking system




Similar Part No. - SI476X

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
More results


Similar Description - SI476X

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA1886M SANYO-LA1886M Datasheet
724Kb / 32P
AM/FM Tuner
logo
Sony Corporation
CXA1611M SONY-CXA1611M Datasheet
362Kb / 17P
FM/AM RADIO
logo
ATMEL Corporation
U2510B ATMEL-U2510B Datasheet
262Kb / 15P
All-Band AM/FM Receiver and Audio Amplifier
logo
TEMIC Semiconductors
U4285BM TEMIC-U4285BM Datasheet
138Kb / 10P
AM / FM - PLL
logo
Sony Corporation
CXA1019AM SONY-CXA1019AM Datasheet
235Kb / 11P
FM / AM
logo
Wuxi Youda electronics ...
YD1800 YOUDA-YD1800 Datasheet
99Kb / 4P
FM/AM
logo
TEMIC Semiconductors
U2510B TEMIC-U2510B Datasheet
400Kb / 15P
All-Band AM/FM Receiver and Audio Amplifier
logo
Mitsumi Electronics, Co...
PVC-2LXT-L5 MITSUMI-PVC-2LXT-L5 Datasheet
109Kb / 2P
Trackingless Type, For AM/FM 2-Band, AM Narrow-Band
logo
TOKO, Inc
TK10931V TOKO-TK10931V Datasheet
527Kb / 26P
NARROW BAND FM/AM IF SYSTEM
logo
Silicon Laboratories
SI4704 SILABS-SI4704 Datasheet
376Kb / 36P
Worldwide FM band support (64-108 MHz) integrated antenna support EN55020 compliant
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com