Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI3019-F-FS Datasheet (PDF) - Silicon Laboratories

SI3019-F-FS Datasheet PDF - Silicon Laboratories
Part # SI3019-F-FS
Download  SI3019-F-FS Download
File Size   1405.12 Kbytes
Page   112 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PCM highway data interface law A-law companding SPI control interface GCl interface

SI3019-F-FS Datasheet (PDF)

Go To PDF Page Download Datasheet
SI3019-F-FS Datasheet PDF - Silicon Laboratories

Part # SI3019-F-FS
Download  SI3019-F-FS Click to download

File Size   1405.12 Kbytes
Page   112 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description PCM highway data interface law A-law companding SPI control interface GCl interface

SI3019-F-FS Datasheet (HTML) - Silicon Laboratories


SI3019-F-FS Product details

Description
The Si3050+Si3011/18/19 Voice DAA chipset provides a highly-programmable and globally-compliant foreign exchange office (FXO) analog interface. The solution implements Silicon Laboratories patented isolation capacitor technology, which eliminates the need for costly isolation transformers, relays, or opto-isolators, while providing superior surge immunity for robust field performance. The Voice DAA is available as a chipset, a system-side device (Si3050) paired with a line-side device (Si3011/18/19). The Si3050 is available in a 20-pin TSSOP or a 24-pin QFN. The Si3011/18/19 is available in a 16-pin TSSOP, a 16-pin SOIC, or a 20-pin QFN and requires minimal external components. The Si3050 interfaces directly to standard telephony PCM interfaces.
   
Features
■ PCM highway data interface
■ µ-law/A-law companding
■ SPI control interface
■ GCI interface
■ 80 dB dynamic range TX/RX
■ Line voltage monitor
■ Loop current monitor
■ +6 dBm or +3.2 dBm TX/RX level
    mode
■ Parallel handset detection
■ 3 µA on-hook line monitor current
■ Overload detection
■ Programmable line interface
    ● AC termination
    ● DC termination
    ● Ring detect threshold
    ● Ringer impedance
■ TIP/RING polarity detection
■ Integrated codec and 2- to 4-wire
    analog hybrid
■ Programmable digital hybrid for
    near-end echo reduction
■ Polarity reversal detection
■ Programmable digital gain in 0.1 dB
    increments
■ Integrated ring detector
■ Type I and II caller ID support
■ Pulse dialing support
■ 3.3 V power supply
■ Daisy-chaining for up to 16 devices
■ Greater than 5000 V isolation
■ Patented isolation technology
■ Ground start and loop start support
■ Available in Pb-free RoHS-compliant
    packages
   
Applications
■ DSL IADs
■ VoIP gateways
■ PBX and IP-PBX systems
■ Voice mail systems
■ DECT base stations
   




Similar Part No. - SI3019-F-FS

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3019-F-FS SILABS-SI3019-F-FS Datasheet
905Kb / 128P
PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Skyworks Solutions Inc.
SI3019-F-FS SKYWORKS-SI3019-F-FS Datasheet
1Mb / 128P
PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3019-F-FSR SILABS-SI3019-F-FSR Datasheet
905Kb / 128P
PROGRAMMABLE VOICE DAA SOLUTIONS
More results


Similar Description - SI3019-F-FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6138 ROHM-BA6138 Datasheet
106Kb / 4P
Square-law compression amplifiers
logo
Exar Corporation
XR-T5683A EXAR-XR-T5683A Datasheet
110Kb / 12P
PCM Line Interface Chip
XRT5683A EXAR-XRT5683A Datasheet
110Kb / 12P
PCM Line Interface Chip
logo
Texas Instruments
TCM2911A TI-TCM2911A Datasheet
165Kb / 2P
PCM A-law codec
logo
List of Unclassifed Man...
S3506I ETC1-S3506I Datasheet
1Mb / 16P
CMOS Single Chip u-Law / A-Law Synchronous Combo Codecs With Filters
logo
Exar Corporation
XRT5683AIP-F EXAR-XRT5683AIP-F Datasheet
93Kb / 12P
PCM Line Interface Chip
logo
Texas Instruments
PCM5100 TI1-PCM5100_15 Datasheet
1Mb / 35P
384kHz PCM Interface
TMS320F28379S TI1-TMS320F28379S_16 Datasheet
2Mb / 213P
Programmable Control Law Accelerator
logo
ams AG
AS3693C-9 AMSCO-AS3693C-9 Datasheet
1Mb / 30P
SPI interface
logo
Device Engineering Inco...
DEI1090 DEIAZ-DEI1090 Datasheet
321Kb / 13P
LED Driver with Square-Law Dimming Control
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com