Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPM7032 Datasheet (PDF) - Altera Corporation

EPM7032 Datasheet PDF - Altera Corporation
Part # EPM7032
Download  EPM7032 Download
File Size   1497.7 Kbytes
Page   66 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device Family

EPM7032 Datasheet (PDF)

Go To PDF Page Download Datasheet
EPM7032 Datasheet PDF - Altera Corporation

Part # EPM7032
Download  EPM7032 Click to download

File Size   1497.7 Kbytes
Page   66 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Programmable Logic Device Family

EPM7032 Datasheet (HTML) - Altera Corporation


EPM7032 Product details

General Description
The MAX 7000 family of high-density, high-performance PLDs is based on Altera’s second-generation MAX architecture. Fabricated with advanced CMOS technology, the EEPROM-based MAX 7000 family provides 600 to 5,000 usable gates, ISP, pin-to-pin delays as fast as 5 ns, and counter speeds of up to 175.4 MHz.

Features...
■ High-performance, EEPROM-based programmable logic devices
   (PLDs) based on second-generation MAX® architecture
■ 5.0-V in-system programmability (ISP) through the built-in
   IEEE Std. 1149.1 Joint Test Action Group (JTAG) interface available in
   MAX 7000S devices
   – ISP circuitry compatible with IEEE Std. 1532
■ Includes 5.0-V MAX 7000 devices and 5.0-V ISP-based MAX 7000S
   devices
■ Built-in JTAG boundary-scan test (BST) circuitry in MAX 7000S
   devices with 128 or more macrocells
■ Complete EPLD family with logic densities ranging from 600 to
   5,000 usable gates (see Tables 1 and 2)
■ 5-ns pin-to-pin logic delays with up to 175.4-MHz counter
   frequencies (including interconnect)
■ PCI-compliant devices available
■ Open-drain output option in MAX 7000S devices
■ Programmable macrocell flipflops with individual clear, preset,
   clock, and clock enable controls
■ Programmable power-saving mode for a reduction of over 50% in
   each macrocell
■ Configurable expander product-term distribution, allowing up to
   32 product terms per macrocell
■ 44 to 208 pins available in plastic J-lead chip carrier (PLCC), ceramic
   pin-grid array (PGA), plastic quad flat pack (PQFP), power quad flat
   pack (RQFP), and 1.0-mm thin quad flat pack (TQFP) packages
■ Programmable security bit for protection of proprietary designs
■ 3.3-V or 5.0-V operation
   – MultiVoltTM I/O interface operation, allowing devices to
      interface with 3.3-V or 5.0-V devices (MultiVolt I/O operation is
      not available in 44-pin packages)
   – Pin compatible with low-voltage MAX 7000A and MAX 7000B
      devices
■ Enhanced features available in MAX 7000E and MAX 7000S devices
   – Six pin- or logic-driven output enable signals
   – Two global clock signals with optional inversion
   – Enhanced interconnect resources for improved routability
   – Fast input setup times provided by a dedicated path from I/O
      pin to macrocell registers
   – Programmable output slew-rate control
■ Software design support and automatic place-and-route provided by
   Altera’s development system for Windows-based PCs and Sun
   SPARCstation, and HP 9000 Series 700/800 workstations
■ Additional design entry and simulation support provided by EDIF
   2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM),
   Verilog HDL, VHDL, and other interfaces to popular EDA tools from
   manufacturers such as Cadence, Exemplar Logic, Mentor Graphics,
   OrCAD, Synopsys, and VeriBest
■ Programming support
   – Altera’s Master Programming Unit (MPU) and programming
      hardware from third-party manufacturers program all
      MAX 7000 devices
   – The BitBlasterTM serial download cable, ByteBlasterMVTM
      parallel port download cable, and MasterBlasterTM
      serial/universal serial bus (USB) download cable program MAX
      7000S devices




Similar Part No. - EPM7032

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7032 ALTERA-EPM7032 Datasheet
1Mb / 66P
Programmable Logic Device Family
More results


Similar Description - EPM7032

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
Programmable Logic Device Family
EPF6016ATI144-3N ALTERA-EPF6016ATI144-3N Datasheet
405Kb / 52P
Programmable Logic Device Family
EPM7064SLC44-10 ALTERA-EPM7064SLC44-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128SLC84-10 ALTERA-EPM7128SLC84-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7128STC100-10 ALTERA-EPM7128STC100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
Programmable Logic Device Family
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com