Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI4020 Datasheet (PDF) - Silicon Laboratories

SI4020 Datasheet PDF - Silicon Laboratories
Part # SI4020
Download  SI4020 Download
File Size   1064.12 Kbytes
Page   32 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Fully integrated (Iow BOM, easy design-in) No alignment required in production Fast settling, programmable, high-resolution PLL

SI4020 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI4020 Datasheet PDF - Silicon Laboratories

Part # SI4020
Download  SI4020 Click to download

File Size   1064.12 Kbytes
Page   32 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Fully integrated (Iow BOM, easy design-in) No alignment required in production Fast settling, programmable, high-resolution PLL

SI4020 Datasheet (HTML) - Silicon Laboratories


SI4020 Product details

DESCRIPTION
Silicon Labs’ Si4020 is a single chip, low power, multi-channel FSK transmitter designed for use in applications requiring FCC or ETSI conformance for unlicensed use in the 315, 433, 868, and 915 MHz bands. Used in conjunction with IA4320, Silicon Labs’ FSK receiver, the Si4020 transmitter feature EZRadioTM technology, which produces a flexible, low cost, and highly integrated solution that does not require production alignments. All required RF functions are integrated. Only an external crystal and bypass filtering are needed for operation.

FEATURES
• Fully integrated (low BOM, easy design-in)
• No alignment required in production
• Fast settling, programmable, high-resolution PLL
• Fast frequency hopping capability
• Stable and accurate FSK modulation with programmable deviation
• High bit rate (up to 256 kbps)
• Direct loop antenna drive
• Automatic antenna tuning circuit
• Programmable output power level
• Alternative OOK support
• EEPROM mode supported
• SPI bus for applications with microcontroller
• Clock output for microcontroller
• Integrated programmable crystal load capacitor
• Power-saving sleep mode
• Multiple event handling options for wake-up activation
• Push-button event handling with switch de-bounce
• Wake-up timer
• Low battery detection
• 2.2 to 5.4 V supply voltage
• Low power consumption
• Low standby current (0.3 µA)
• Compact 16-pin TSSOP package

TYPICAL APPLICATIONS
• Remote control
• Home security and alarm
• Wireless keyboard/mouse and other PC peripherals
• Toy control
• Remote keyless entry
• Tire pressure monitoring
• Telemetry
• Personal/patient data logging
• Remote automatic meter reading




Similar Part No. - SI4020

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI4021 SILABS-SI4021 Datasheet
1Mb / 35P
Automatic antenna tuning circuit
SI4022 SILABS-SI4022 Datasheet
650Kb / 22P
Programmable output power level
More results


Similar Description - SI4020

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SFSKB2M30GF00-R1 MURATA-SFSKB2M30GF00-R1 Datasheet
209Kb / 3P
No frequency adjustment is required in production process
SFSKB2M80GF00-R1 MURATA-SFSKB2M80GF00-R1 Datasheet
217Kb / 3P
No frequency adjustment is required in production process
SFSKB3M20FF00-R1 MURATA-SFSKB3M20FF00-R1 Datasheet
210Kb / 3P
No frequency adjustment is required in production process
SFSKB3M80GF00-R1 MURATA-SFSKB3M80GF00-R1 Datasheet
206Kb / 3P
No frequency adjustment is required in production process
SFSKB4M30GF00-R1 MURATA-SFSKB4M30GF00-R1 Datasheet
210Kb / 3P
No frequency adjustment is required in production process
SFSKB4M80GF00-R1 MURATA-SFSKB4M80GF00-R1 Datasheet
205Kb / 3P
No frequency adjustment is required in production process
SFSKB5M20GF00-R1 MURATA-SFSKB5M20GF00-R1 Datasheet
207Kb / 3P
No frequency adjustment is required in production process
SFSKB5M70GF00-R1 MURATA-SFSKB5M70GF00-R1 Datasheet
210Kb / 3P
No frequency adjustment is required in production process
logo
Silicon Laboratories
SI4420 SILABS-SI4420 Datasheet
1Mb / 33P
No alignment required in production
SI4322 SILABS-SI4322 Datasheet
298Kb / 22P
No alignment required in production
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com