Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5330 Datasheet (PDF) - Silicon Laboratories

SI5330 Datasheet PDF - Silicon Laboratories
Part # SI5330
Download  SI5330 Download
File Size   158.78 Kbytes
Page   20 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs

SI5330 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI5330 Datasheet PDF - Silicon Laboratories

Part # SI5330
Download  SI5330 Click to download

File Size   158.78 Kbytes
Page   20 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Supports single-ended or differential input clock singnals Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs

SI5330 Datasheet (HTML) - Silicon Laboratories


SI5330 Product details

Features
■ Supports single-ended or differential input clock signals
■ Generates four differential (LVPECL, LVDS, HCSL) or eight single-ended (CMOS, SSTL, HSTL) outputs
■ Provides signal level translation
   ● Differential to single-ended
   ● Single-ended to differential
   ● Differential to differential
   ● Single-ended to single-ended
■ Wide frequency range
   ● LVPECL, LVDS: 5 to 710 MHz
   ● HCSL: 5 to 250 MHz
   ● SSTL, HSTL: 5 to 350 MHz
   ● CMOS: 5 to 200 MHz
■ Additive jitter: 150 fs RMS typ
■ Output-output skew: 100 ps
■ Propagation delay: 2.5 ns typ
■ Single core supply with excellent PSRR: 1.8, 2.5, or 3.3 V
■ Output driver supply voltage independent of core supply: 1.5, 1.8, 2.5, or 3.3 V
■ Loss of Signal (LOS) indicator allows system clock monitoring
■ Output Enable (OEB) pin allows glitchless control of output clocks
■ Low power: 10 mA typical core current
■ Industrial temperature range: –40 to +85 °C
■ Small size: 24-lead, 4 x 4 mm QFN

Applications
■ High Speed Clock Distribution
■ Ethernet Switch/Router
■ SONET / SDH
■ PCI Express 2.0/3.0
■ Fibre Channel
■ MSAN/DSLAM/PON
■ Telecom Line Cards




Similar Part No. - SI5330

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5330 SKYWORKS-SI5330 Datasheet
1Mb / 22P
1.8/2.5/3.3 V LOW-JITTER, LOW-SKEW CLOCK BUFFER/LEVEL TRANSLATOR
Rev. 1.2
logo
Silicon Laboratories
SI53301 SILABS-SI53301 Datasheet
1Mb / 34P
1:6 LOW JITTER UNIVERSAL BUFFER/LEVEL TRANSLATOR WITH 2:1 INPUT MUX
logo
Skyworks Solutions Inc.
SI53301-B-GM SKYWORKS-SI53301-B-GM Datasheet
1Mb / 69P
Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
SI53301/4-EVB SKYWORKS-SI53301/4-EVB Datasheet
1Mb / 69P
Ultra-Low Additive Jitter Fanout Clock Buffers with up to 10 Universal Outputs from Any-Format Input and Wide Frequency Range from 1 MHz to 725 MHz
Rev. 1.0
SI53301/4-EVB SKYWORKS-SI53301/4-EVB Datasheet
2Mb / 33P
DUAL 1:5 LOW-JITTER, ANY-FORMAT BUFFER/ LEVEL TRANSLATOR (<1.25 GHZ)
Rev. 1.0
More results


Similar Description - SI5330

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7266BSUZ-REEL AD-AD7266BSUZ-REEL Datasheet
644Kb / 28P
Differential/Single-Ended Input, Dual
REV. B
logo
Texas Instruments
DEM-ADS807E TI1-DEM-ADS807E_14 Datasheet
328Kb / 9P
SINGLE-ENDED OR DIFFERENTIAL INPUT CONFIGURATION
logo
Integrated Device Techn...
ICS8S89833I IDT-ICS8S89833I Datasheet
722Kb / 16P
Four differential LVDS outputs
ICS859S0424I IDT-ICS859S0424I Datasheet
909Kb / 24P
Four programmable differential LVPECL or LVDS output pairs
ICS849S625I IDT-ICS849S625I Datasheet
639Kb / 24P
Ten selectable differential LVPECL or LVDS outputs
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
Differential Input and Single-Ended Output
logo
Maxim Integrated Produc...
MAX1211EVKIT MAXIM-MAX1211EVKIT Datasheet
544Kb / 13P
Fully Differential or Single-Ended Signal Input Configuration
Rev 1; 6/05
MAX1181EVKIT MAXIM-MAX1181EVKIT Datasheet
497Kb / 9P
Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX1448EVKIT MAXIM-MAX1448EVKIT Datasheet
342Kb / 6P
Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 11/03
MAX9830AEVKIT MAXIM-MAX9830AEVKIT Datasheet
905Kb / 4P
Differential or Single-Ended Input
Rev 0; 8/09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com