Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G16V8AS Datasheet (PDF) - ATMEL Corporation

G16V8AS Datasheet PDF - ATMEL Corporation
Part # G16V8AS
Download  G16V8AS Download
File Size   641.18 Kbytes
Page   26 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Industry-standard Architecture Emulates Mary 20-pin PAL

G16V8AS Datasheet (PDF)

Go To PDF Page Download Datasheet
G16V8AS Datasheet PDF - ATMEL Corporation

Part # G16V8AS
Download  G16V8AS Click to download

File Size   641.18 Kbytes
Page   26 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Industry-standard Architecture Emulates Mary 20-pin PAL

G16V8AS Datasheet (HTML) - ATMEL Corporation


G16V8AS Product details

Description

The ATF16V8B is a high-performance CMOS (electricallyerasable) programmable logic device (PLD) that utilizes Atmel’s proven electrically-erasable Flash memory technology. All speed ranges are specified over the full 5V ± 10% range for industrial temperature ranges, and 5V ± 5% for commercial temperature ranges.

Several low-power options allow selection of the best solution for various types of power-limited applications. Each of these options significantly reduces total system power and enhances system reliability.



Features

• Industry-standard Architecture

   – Emulates Many 20-pin PALs®

   – Low-cost Easy-to-use Software Tools

• High-speed Electrically-erasable Programmable Logic Devices

   – 10 ns Maximum Pin-to-pin Delay

• Several Power Saving Options

• CMOS and TTL Compatible Inputs and Outputs

   – Input and I/O Pull-up Resistors

• Advanced Flash Technology

   – Reprogrammable

   – 100% Tested

• High-reliability CMOS Process

   – 20 Year Data Retention

   – 100 Erase/Write Cycles

   – 2,000V ESD Protection

   – 200 mA Latchup Immunity

• Commercial, and Industrial Temperature Ranges

• Dual-in-line and Surface Mount Packages in Standard Pinouts

• PCI-compliant

• Green Package Options (Pb/Halide-free/RoHS Compliant) Available



 




Similar Part No. - G16V8AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
G16V8AS ATMEL-G16V8AS Datasheet
1Mb / 23P
Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
More results


Similar Description - G16V8AS

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF16V8C ATMEL-ATF16V8C_13 Datasheet
1Mb / 23P
Industry-standard architecture Emulates Many 20-pin PALs Low-cost, easy to use software tools
ATF16LV8C ATMEL-ATF16LV8C_14 Datasheet
224Kb / 15P
Industry-standard Architecture
ATF16V8CZ ATMEL-ATF16V8CZ_14 Datasheet
596Kb / 26P
Industry-standard Architecture
ATF20V8B ATMEL-ATF20V8B_14 Datasheet
668Kb / 22P
Industry-standard Architecture
ATF20V8BQ ATMEL-ATF20V8BQ_14 Datasheet
668Kb / 22P
Industry-standard Architecture
ATF20V8BQL ATMEL-ATF20V8BQL_14 Datasheet
668Kb / 22P
Industry-standard Architecture
ATF22V10B ATMEL-ATF22V10B_14 Datasheet
628Kb / 16P
Industry Standard Architecture
ATF22V10C ATMEL-ATF22V10C_14 Datasheet
1Mb / 22P
Industry-standard Architecture
ATF22V10CQ ATMEL-ATF22V10CQ_14 Datasheet
1Mb / 22P
Industry-standard Architecture
ATF22V10CQZ ATMEL-ATF22V10CQZ_14 Datasheet
1Mb / 19P
Industry-standard Architecture
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com