Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBSS5130PAP Datasheet (PDF) - NXP Semiconductors

PBSS5130PAP Datasheet PDF - NXP Semiconductors
Part # PBSS5130PAP
Download  PBSS5130PAP Download
File Size   253.42 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 30 V, 1 A PNP/PNP low VCEsat (BISS) transistor

PBSS5130PAP Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS5130PAP Datasheet PDF - NXP Semiconductors

Part # PBSS5130PAP
Download  PBSS5130PAP Click to download

File Size   253.42 Kbytes
Page   17 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 30 V, 1 A PNP/PNP low VCEsat (BISS) transistor

PBSS5130PAP Datasheet (HTML) - NXP Semiconductors


PBSS5130PAP Product details

General description
PNP/PNP low VCEsat Breakthrough In Small Signal (BISS) transistor in a leadless medium power DFN2020-6 (SOT1118) Surface-Mounted Device (SMD) plastic package.

NPN/PNP complement: PBSS4130PANP. NPN/NPN complement: PBSS4130PAN.

Features and benefits
• Very low collector-emitter saturation voltage VCEsat
• High collector current capability IC and ICM
• High collector current gain hFE at high IC
• Reduced Printed-Circuit Board (PCB) requirements
• High energy efficiency due to less heat generation
• AEC-Q101 qualified

Applications
• Load switch
• Battery-driven devices
• Power management
• Charging circuits
• Power switches (e.g. motors, fans)




Similar Part No. - PBSS5130PAP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS5130PAP NEXPERIA-PBSS5130PAP Datasheet
750Kb / 17P
30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
More results


Similar Description - PBSS5130PAP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5130T PHILIPS-PBSS5130T Datasheet
54Kb / 7P
30 V, 1 A PNP low VCEsat (BISS) transistor
2003 Dec 12
PBSS4130PANP NXP-PBSS4130PANP Datasheet
345Kb / 21P
30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS5130QA NXP-PBSS5130QA Datasheet
244Kb / 17P
30 V, 1 A PNP low VCEsat (BISS) transistor
28 August 2013
PBSS4130PANP PHILIPS-PBSS4130PANP_15 Datasheet
345Kb / 21P
30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS5130T PHILIPS-PBSS5130T_15 Datasheet
203Kb / 11P
30 V; 1 A PNP low VCEsat (BISS) transistor
9 July 2013
logo
Nexperia B.V. All right...
PBSS4032SP NEXPERIA-PBSS4032SP Datasheet
837Kb / 15P
30 V, 4.8 A PNP/PNP low VCEsat (BISS) transistor
PBSS4130PANP NEXPERIA-PBSS4130PANP Datasheet
853Kb / 21P
30 V, 1 A NPN/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS5130PAP NEXPERIA-PBSS5130PAP Datasheet
750Kb / 17P
30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012
PBSS5130QA NEXPERIA-PBSS5130QA Datasheet
726Kb / 17P
30 V, 1 A PNP low VCEsat (BISS) transistor
28 August 2013
PBSS5130T NEXPERIA-PBSS5130T Datasheet
319Kb / 12P
30 V; 1 A PNP low VCEsat (BISS) transistor
9 July 2013
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com