Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD534JH Datasheet (PDF) - Analog Devices

AD534JH Datasheet PDF - Analog Devices
Part # AD534JH
Download  AD534JH Download
File Size   575.2 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Internally Trimmed Precision IC Multiplier

AD534JH Datasheet (PDF)

Go To PDF Page Download Datasheet
AD534JH Datasheet PDF - Analog Devices

Part # AD534JH
Download  AD534JH Click to download

File Size   575.2 Kbytes
Page   21 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Internally Trimmed Precision IC Multiplier

AD534JH Datasheet (HTML) - Analog Devices


AD534JH Product details

GENERAL DESCRIPTION
The AD534 is a monolithic laser trimmed four-quadrant multiplier divider having accuracy specifications previously found only in expensive hybrid or modular products. A maximum multiplication error of ±0.25% is guaranteed for the AD534L without any external trimming. Excellent supply rejection, low temperature coefficients and long-term stability of the on-chip thin film resistors and buried Zener reference preserve accuracy even under adverse conditions of use. It is the first multiplier to offer fully differential, high impedance operation on all inputs, including the Z input, a feature that greatly increases its flexibility and ease of use. The scale factor is pretrimmed to the standard value of 10.00 V; by means of an external resistor, this can be reduced to values as low as 3 V.

FEATURES
   Pretrimmed to ±0.25% maximum 4-quadrant error (AD534L)
   All inputs (X, Y, and Z) differential, high impedance for
      [(X1 − X2)(Y1 − Y2)/10 V] + Z2 transfer function
   Scale factor adjustable to provide up to ×100 gain
   Low noise design: 90 μV rms, 10 Hz to10 kHz
   Low cost, monolithic construction
   Excellent long-term stability

APPLICATIONS
   High quality analog signal processing
   Differential ratio and percentage computations
   Algebraic and trigonometric function synthesis
   Wideband, high crest rms-to-dc conversion
   Accurate voltage controlled oscillators and filters
   Available in chip form




Similar Part No. - AD534JH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD534JH AD-AD534JH Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD534JH AD-AD534JH Datasheet
332Kb / 20P
Internally Trimmed Precision IC Multiplier
Rev. D
AD534JH+ AD-AD534JH+ Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD534JHZ AD-AD534JHZ Datasheet
332Kb / 20P
Internally Trimmed Precision IC Multiplier
Rev. D
More results


Similar Description - AD534JH

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD532 AD-AD532 Datasheet
136Kb / 7P
Internally Trimmed Integrated Circuit Multiplier
AD534 AD-AD534 Datasheet
159Kb / 12P
Internally Trimmed Precision IC Multiplier
AD632 AD-AD632 Datasheet
177Kb / 6P
Internally Trimmed Precision IC Multiplier
REV.A
AD632ADZ AD-AD632ADZ Datasheet
458Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
AD532KDZ AD-AD532KDZ Datasheet
521Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
Rev. D
AD535 AD-AD535_15 Datasheet
1Mb / 6P
INTERNALLY TRIMMED INTEGRATED CIRCUIT DIVIDER
AD532 AD-AD532_15 Datasheet
559Kb / 17P
Internally Trimmed Integrated Circuit Multiplier
REV. D
AD534 AD-AD534_15 Datasheet
530Kb / 21P
Internally Trimmed Precision IC Multiplier
REV. D
AD632 AD-AD632_15 Datasheet
498Kb / 13P
Internally Trimmed Precision IC Multiplier
REV. D
AD510 AD-AD510 Datasheet
378Kb / 4P
Low Cost, Laser Trimmed, Precision IC Op Amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com