Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD524CD Datasheet (PDF) - Analog Devices

AD524CD Datasheet PDF - Analog Devices
Part # AD524CD
Download  AD524CD Download
File Size   614.74 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Instrumentation Amplifier

AD524CD Datasheet (PDF)

Go To PDF Page Download Datasheet
AD524CD Datasheet PDF - Analog Devices

Part # AD524CD
Download  AD524CD Click to download

File Size   614.74 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Instrumentation Amplifier

AD524CD Datasheet (HTML) - Analog Devices


AD524CD Product details

GENERAL DESCRIPTION
The AD524 is a precision monolithic instrumentation amplifier designed for data acquisition applications requiring high accuracy under worst-case operating conditions. An outstanding combination of high linearity, high common-mode rejection, low offset voltage drift, and low noise makes the AD524 suitable for use in many data acquisition systems.

FEATURES
  Low noise: 0.3 μV p-p at 0.1 Hz to 10 Hz
  Low nonlinearity: 0.003% (G = 1)
  High CMRR: 120 dB (G = 1000)
  Low offset voltage: 50 μV
  Low offset voltage drift: 0.5 μV/°C
  Gain bandwidth product: 25 MHz
  Pin programmable gains of 1, 10, 100, 1000
  Input protection, power-on/power-off
  No external components required
  Internally compensated
  MIL-STD-883B and chips available
  16-lead ceramic DIP and SOIC packages and 20-terminal leadless chip carrier available
  Available in tape and reel in accordance with EIA-481A standard
  Standard military drawing also available




Similar Part No. - AD524CD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD524CD AD-AD524CD Datasheet
392Kb / 16P
Precision Instrumentation Amplifier
AD524CD AD-AD524CD Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
AD524CD AD-AD524CD Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD524CD AD-AD524CD Datasheet
583Kb / 25P
Precision Instrumentation Amplifier
Jan-2018
AD524CDZ AD-AD524CDZ Datasheet
614Kb / 28P
Precision Instrumentation Amplifier
Rev. F
More results


Similar Description - AD524CD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com